Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G38 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP2G38 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP2G38
Download  74AUP2G38 Download
File Size   252.87 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual 2-input NAND gate; open drain

74AUP2G38 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP2G38 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP2G38
Download  74AUP2G38 Click to download

File Size   252.87 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual 2-input NAND gate; open drain

74AUP2G38 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP2G38 Product details

1. General description
The 74AUP2G38 provides the dual 2-input NAND gate with open-drain output. The output of
the device is an open drain and can be connected to other open-drain outputs to implement
active-LOW wired-OR or active-HIGH wired-AND functions.
Schmitt trigger action at all inputs makes the circuit tolerant to slower input rise and fall times
across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire VCC range
from 0.8 V to 3.6 V.
This device is fully specified for partial Power-down applications using IOFF. The IOFF circuitry
disables the output, preventing a damaging backflow current through the device when it is powered
down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD78B Class II
• Inputs accept voltages up to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP2G38

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G38 PHILIPS-74AUP2G38 Datasheet
86Kb / 16P
Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
74AUP2G38 NXP-74AUP2G38 Datasheet
501Kb / 17P
Low-power dual 2-input NAND gate; open drain
Rev. 04-8 October 2009
74AUP2G38DC PHILIPS-74AUP2G38DC Datasheet
86Kb / 16P
Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
74AUP2G38DC NXP-74AUP2G38DC Datasheet
501Kb / 17P
Low-power dual 2-input NAND gate; open drain
Rev. 04-8 October 2009
74AUP2G38GD NXP-74AUP2G38GD Datasheet
501Kb / 17P
Low-power dual 2-input NAND gate; open drain
Rev. 04-8 October 2009
More results


Similar Description - 74AUP2G38

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G38 PHILIPS-74LVC2G38 Datasheet
90Kb / 15P
Dual 2-input NAND gate (open drain)
2004 Oct 18
logo
STMicroelectronics
74V2T03 STMICROELECTRONICS-74V2T03 Datasheet
128Kb / 7P
DUAL 2-INPUT OPEN DRAIN NAND GATE
Jun-2003
logo
NXP Semiconductors
74AUP2G38 PHILIPS-74AUP2G38 Datasheet
86Kb / 16P
Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
logo
STMicroelectronics
74V2G03 STMICROELECTRONICS-74V2G03 Datasheet
132Kb / 7P
DUAL 2-INPUT OPEN DRAIN NAND GATE
Jun-2003
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
2-input NAND gate; open drain
Rev. 03-27 August 2007
74AUP1G38 NXP-74AUP1G38 Datasheet
91Kb / 15P
Low-power 2-input NAND gate (open drain)
Rev. 03-22 June 2009
74AUP2G38 NXP-74AUP2G38 Datasheet
501Kb / 17P
Low-power dual 2-input NAND gate; open drain
Rev. 04-8 October 2009
74LVC2G38 NXP-74LVC2G38 Datasheet
102Kb / 16P
Dual 2-input NAND gate; open drain
Rev. 07-20 March 2009
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
74LVC2G38 NEXPERIA-74LVC2G38 Datasheet
303Kb / 20P
Dual 2-input NAND gate; open drain
Rev. 14 - 21 June 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com