Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC8T245BZ Datasheet (PDF) - Nexperia B.V. All rights reserved

74AVC8T245BZ Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AVC8T245BZ
Download  74AVC8T245BZ Download
File Size   337.87 Kbytes
Page   24 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit dual supply translating transceiver with configurable voltage translation; 3-state

74AVC8T245BZ Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC8T245BZ Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AVC8T245BZ
Download  74AVC8T245BZ Click to download

File Size   337.87 Kbytes
Page   24 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit dual supply translating transceiver with configurable voltage translation; 3-state

74AVC8T245BZ Datasheet (HTML) - Nexperia B.V. All rights reserved


74AVC8T245BZ Product details

1. General description
The 74AVC8T245 is an 8-bit, dual supply transceiver that enables bidirectional level translation. It
features two 8-bit input-output ports (An and Bn), a direction control input (DIR), a output enable
input (OE) and dual supply pins (VCC(A) and VCC(B)). Both VCC(A) and VCC(B) can be supplied at any
voltage between 0.8 V and 3.6 V making the device suitable for translating between any of the low
voltage nodes (0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V and 3.3 V). Pins An, OE and DIR are referenced to
VCC(A) and pins Bn are referenced to VCC(B). A HIGH on DIR allows transmission from An to Bn and
a LOW on DIR allows transmission from Bn to An. The output enable input (OE) can be used to
disable the outputs so the buses are effectively isolated.
The device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing any damaging backflow current through the device when it is
powered down. In suspend mode when either VCC(A) or VCC(B) are at GND level, both An and Bn
are in the high-impedance OFF-state.
2. Features and benefits
• Wide supply voltage range:
• VCC(A): 0.8 V to 3.6 V
• VCC(B): 0.8 V to 3.6 V
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114E Class 3B exceeds 8000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Maximum data rates:
• 380 Mbit/s (≥ 1.8 V to 3.3 V translation)
• 260 Mbit/s (≥ 1.1 V to 3.3 V translation)
• 260 Mbit/s (≥ 1.1 V to 2.5 V translation)
• 210 Mbit/s (≥ 1.1 V to 1.8 V translation)
• 150 Mbit/s (≥ 1.1 V to 1.5 V translation)
• 100 Mbit/s (≥ 1.1 V to 1.2 V translation)
• Suspend mode
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Inputs accept voltages up to 3.6 V
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AVC8T245BZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC8T245BQ NXP-74AVC8T245BQ Datasheet
133Kb / 23P
8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVC8T245BQ-Q100 NEXPERIA-74AVC8T245BQ-Q100 Datasheet
763Kb / 24P
8-bit dual supply translating transceiver with configurable voltage translation 3-state
More results


Similar Description - 74AVC8T245BZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
74AVC8T245 NXP-74AVC8T245 Datasheet
133Kb / 23P
8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
74AVCH8T245 NXP-74AVCH8T245 Datasheet
140Kb / 24P
8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
74AVCH8T245 PHILIPS-74AVCH8T245_15 Datasheet
168Kb / 25P
8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
74AVC8T245 PHILIPS-74AVC8T245_15 Datasheet
161Kb / 24P
8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
logo
Nexperia B.V. All right...
74AVC8T245-Q100 NEXPERIA-74AVC8T245-Q100 Datasheet
763Kb / 24P
8-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
32-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVCH8T245 NEXPERIA-74AVCH8T245 Datasheet
786Kb / 25P
8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 27 December 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com