Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE188200 Datasheet (PDF) - Peregrine Semiconductor

PE188200 Datasheet PDF - Peregrine Semiconductor
Part # PE188200
Download  PE188200 Download
File Size   105.83 Kbytes
Page   2 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description 8-channel Beamforming Front End, 26.5–29.5 GHz

PE188200 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE188200 Datasheet PDF - Peregrine Semiconductor

Part # PE188200
Download  PE188200 Click to download

File Size   105.83 Kbytes
Page   2 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description 8-channel Beamforming Front End, 26.5–29.5 GHz

PE188200 Datasheet (HTML) - Peregrine Semiconductor


PE188200 Product details

Features
• Covering the n257 band
• Integrated power amplifiers and low-noise amplifiers
• Supports four dual-polarity antennas
• 50Ω impedance at RF ports
• 6-bit phase and 6-bit attenuation control
• High linearity: 18.5 dBm output P1dB
• Low noise figure: 3.3 dB
• 3.15V and 1.8V dual-supply voltage
• High linear POUT supporting CP-OFDM 64 QAM
• Fast beam switching
• On-chip memory for 512 beams
• Independent control via SPI of all paths
• Packaging – 4.355 × 4.355 mm flip-chip die

Applications
• 5G base stations
• 5G customer premises equipment (CPE)
• Point-to-point radio




Similar Part No. - PE188200

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PE1805C2A4 PANJIT-PE1805C2A4 Datasheet
355Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
November 2,2018-REV.00
PE1805C2A4_R1_00001 PANJIT-PE1805C2A4_R1_00001 Datasheet
355Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
November 2,2018-REV.00
PE1805C4A6 PANJIT-PE1805C4A6 Datasheet
386Kb / 5P
Ultra Low Capacitance ESD Protection
December 9,2016-REV.00
PE1805C4A6_R1_00001 PANJIT-PE1805C4A6_R1_00001 Datasheet
386Kb / 5P
Ultra Low Capacitance ESD Protection
December 9,2016-REV.00
PE1805C4A6_R2_00001 PANJIT-PE1805C4A6_R2_00001 Datasheet
386Kb / 5P
Ultra Low Capacitance ESD Protection
December 9,2016-REV.00
More results


Similar Description - PE188200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
2.4-GHz RF FRONT END
PGA5807 TI1-PGA5807 Datasheet
947Kb / 27P
8-Channel, High-Bandwidth, Analog Front-End
PGA5807A TI1-PGA5807A Datasheet
948Kb / 27P
8-Channel, High-Bandwidth, Analog Front-End
PGA5807A TI1-PGA5807A Datasheet
948Kb / 27P
8-Channel, High-Bandwidth, Analog Front-End
logo
Maxim Integrated Produc...
MAX11046B MAXIM-MAX11046B Datasheet
660Kb / 10P
8-Channel Simultaneous- Sampling Analog Front End
2013
logo
Texas Instruments
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
2.4-GHz RF FRONT END
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
2.4 GHz Front-End Module
logo
Analog Devices
ADRF5549 AD-ADRF5549 Datasheet
325Kb / 15P
Dual-Channel, 1.8 GHz to 2.8 GHz, Receiver Front End
6/2020-Rev. 0 to Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com