Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT162244 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ABT162244 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ABT162244
Download  74ABT162244 Download
File Size   212.09 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit buffer/line driver with 30 Ω series termination resistors; 3-state

74ABT162244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT162244 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ABT162244
Download  74ABT162244 Click to download

File Size   212.09 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit buffer/line driver with 30 Ω series termination resistors; 3-state

74ABT162244 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ABT162244 Product details

1. General description
The 74ABT162244 is a 16-bit buffer/line driver with 30 Ω termination resistors and 3-state outputs.
The device can be used as four 4-bit buffers, two 8-bit buffers or one 16-bit buffer. The device
features four output enables (1OE, 2OE, 3OE and 4OE), each controlling four of the 3-state
outputs. A HIGH on nOE causes the outputs to assume a high-impedance OFF-state. This device
is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the
output, preventing the potentially damaging backflow current through the device when it is powered
down.
2. Features and benefits
• Supply voltage range from 4.5 V to 5.5 V
• BiCMOS high speed and output drive
• Direct interface with TTL levels
• Power-up 3-state
• IOFF circuitry provides partial Power-down mode operation
• Latch-up protection exceeds 500 mA per JESD78B class II level A
• 16-bit bus interface
• Multiple VCC and GND pins minimize switching noise
• 3-state buffers
• Output capability: +12 mA and -32 mA
• Live insertion and extraction permitted
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• CDM JESD22-C101-C exceeds 1000 V
• Specified from -40 °C to +85 °C




Similar Part No. - 74ABT162244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
logo
Fairchild Semiconductor
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
logo
NXP Semiconductors
74ABT162244 NXP-74ABT162244 Datasheet
91Kb / 14P
16-bit buffer/line driver with 30 W series termination resistors; 3-state
Rev. 04-9 April 2009
logo
Fairchild Semiconductor
74ABT162244CMTD FAIRCHILD-74ABT162244CMTD Datasheet
92Kb / 7P
16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT162244CMTD FAIRCHILD-74ABT162244CMTD Datasheet
81Kb / 7P
16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
More results


Similar Description - 74ABT162244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162244 NXP-74ABT162244 Datasheet
91Kb / 14P
16-bit buffer/line driver with 30 W series termination resistors; 3-state
Rev. 04-9 April 2009
74ABT162244 NXP-74ABT162244_10 Datasheet
146Kb / 15P
16-bit buffer/line driver with 30 廓 series termination resistors 3-state
Rev. 05-25 May 2010
74ABT162244 PHILIPS-74ABT162244_15 Datasheet
112Kb / 15P
16-bit buffer/line driver with 30 ??series termination resistors; 3-state
Rev. 6-3 November 2011
logo
Nexperia B.V. All right...
74LVT162244B NEXPERIA-74LVT162244B Datasheet
214Kb / 11P
3.3 V 16-bit buffer/driver with 30 Ω termination resistors; 3-state
Rev. 5 - 6 August 2021
74LVT162240A NEXPERIA-74LVT162240A Datasheet
191Kb / 14P
3.3 V 16-bit inverting buffer/driver with 30 Ω termination resistors; 3-state
Rev. 4 - 4 June 2018
74LVT2244 NEXPERIA-74LVT2244 Datasheet
231Kb / 13P
3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
74LVT2241 NEXPERIA-74LVT2241 Datasheet
235Kb / 13P
3.3 V octal buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 3 - 17 February 2021
74ALVT162827 NEXPERIA-74ALVT162827 Datasheet
199Kb / 14P
20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 3 - 24 January 2018
74ALVCH162244 NEXPERIA-74ALVCH162244 Datasheet
185Kb / 14P
16-bit buffer/line driver with 30 Ω termination resistor; 3-State
Rev. 3 - 16 January 2018
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com