Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT16240A Datasheet (PDF) - Nexperia B.V. All rights reserved

74ABT16240A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ABT16240A
Download  74ABT16240A Download
File Size   211.21 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit inverting buffer/line driver; 3-state

74ABT16240A Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT16240A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ABT16240A
Download  74ABT16240A Click to download

File Size   211.21 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit inverting buffer/line driver; 3-state

74ABT16240A Datasheet (HTML) - Nexperia B.V. All rights reserved


74ABT16240A Product details

1. General description
The 74ABT16240A is a 16-bit inverting buffer/line driver with 3-state outputs. The device can be
used as four 4-bit buffers, two 8-bit buffers or one 16-bit buffer. The device features four output
enables (1OE, 2OE, 3OE and 4OE), each controlling four of the 3-state outputs. A HIGH on nOE
causes the outputs to assume a high-impedance OFF-state. This device is fully specified for
partial power down applications using IOFF. The IOFF circuitry disables the output, preventing the
potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Supply voltage range from 4.5 V to 5.5 V
• BiCMOS high speed and output drive
• Direct interface with TTL levels
• Power-up 3-state
• IOFF circuitry provides partial Power-down mode operation
• Latch-up protection exceeds 500 mA per JESD78B class II level A
• 16-bit bus interface
• Multiple VCC and GND pins minimize switching noise
• 3-state buffers
• TTL input and output switching levels
• Input and output interface capability to systems at 5 V supply
• Output capability: +64 mA and -32 mA
• Live insertion and extraction permitted
• ESD protection:
• HBM JESD-A114E exceeds 2000 V
• CDM JESD22-C101-C exceeds 1000 V




Similar Part No. - 74ABT16240A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
16-bit inverting buffer/driver 3-State
1998 Feb 25
74ABT16240A NXP-74ABT16240A Datasheet
90Kb / 14P
16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
74ABT16240ADGG PHILIPS-74ABT16240ADGG Datasheet
76Kb / 10P
16-bit inverting buffer/driver 3-State
1998 Feb 25
74ABT16240ADGG NXP-74ABT16240ADGG Datasheet
90Kb / 14P
16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
logo
Texas Instruments
74ABT16240ADGGRE4 TI-74ABT16240ADGGRE4 Datasheet
210Kb / 12P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - 74ABT16240A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
16-bit inverting buffer/driver 3-State
1998 Feb 25
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
16-bit buffer/line driver; inverting 3-State
1997 Jul 29
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
16-bit inverting buffer/line driver 3-State
August 23, 1993
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540 FAIRCHILD-74ACT16540 Datasheet
78Kb / 7P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
NXP Semiconductors
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
NXP Semiconductors
74ABT16240A NXP-74ABT16240A Datasheet
90Kb / 14P
16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
logo
Texas Instruments
74ACT16540 TI1-74ACT16540_10 Datasheet
112Kb / 6P
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com