Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC373 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC373 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC373
Download  74AHC373 Download
File Size   232.31 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal D-type transparant latch; 3-state

74AHC373 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC373 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC373
Download  74AHC373 Click to download

File Size   232.31 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal D-type transparant latch; 3-state

74AHC373 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC373 Product details

1. General description
The 74AHC373 is a high-speed Si-gate CMOS device and is pin compatible with Low-power
Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard No. 7-A.
The 74AHC373 consists of eight D-type transparent latches featuring separate D-type inputs for
each latch and 3-state true outputs for bus oriented applications. A latch enable input (LE) and an
output enable input (OE) are common to all latches.
When pin LE is HIGH, data at the Dn inputs enters the latches. In this condition the latches are
transparent, i.e. a latch output will change state each time its corresponding Dn input changes.
When pin LE is LOW, the latches store the information that is present at the Dn inputs, after a
set-up time preceding the HIGH-to-LOW transition of LE.
When pin OE is LOW, the contents of the 8 latches are available at the outputs. When pin OE is
HIGH, the outputs go to the high-impedance OFF-state. Operation of the OE input does not affect
the state of the latches.
The 74AHC373 is functionally identical to the 74AHC573; 74AHCT573, but has a different pin
arrangement.
2. Features and benefits
• Balanced propagation delays
• All inputs have a Schmitt-trigger action
• Common 3-state output enable input
• Inputs accepts voltages higher than VCC
• Functionally identical to the 74AHC573; 74AHCT573
• Input levels at CMOS input level
• ESD protection:
• HBM EIA/JESD22-A114E exceeds 2000 V
• MM EIA/JESD22-A115-A exceeds 200 V
• CDM EIA/JESD22-C101C exceeds 1000 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHC373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC373 PHILIPS-74AHC373 Datasheet
97Kb / 20P
Octal D-type transparent latch; 3-state
1999 Nov 23
74AHC373D PHILIPS-74AHC373D Datasheet
97Kb / 20P
Octal D-type transparent latch; 3-state
1999 Nov 23
74AHC373D NXP-74AHC373D Datasheet
107Kb / 17P
Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
74AHC373PW PHILIPS-74AHC373PW Datasheet
97Kb / 20P
Octal D-type transparent latch; 3-state
1999 Nov 23
74AHC373PW NXP-74AHC373PW Datasheet
107Kb / 17P
Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
More results


Similar Description - 74AHC373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC573 FAIRCHILD-MM74HC573 Datasheet
88Kb / 8P
3-STATE Octal D-Type Latch
MM74HC373 FAIRCHILD-MM74HC373_05 Datasheet
101Kb / 8P
3-STATE Octal D-Type Latch
logo
KODENSHI_AUK CORP.
KK74VHCT373 KODENSHI-KK74VHCT373 Datasheet
317Kb / 8P
Octal d-type latch (3-state)
logo
NXP Semiconductors
74AHC573 NXP-74AHC573_10 Datasheet
175Kb / 19P
Octal D-type transparant latch; 3-state
Rev. 05-25 March 2010
74AHC373 NXP-74AHC373_08 Datasheet
107Kb / 17P
Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Fairchild Semiconductor
MM74HC573WMX FAIRCHILD-MM74HC573WMX Datasheet
104Kb / 8P
3-STATE Octal D-Type Latch
logo
NXP Semiconductors
74AHC_AHCT373 PHILIPS-74AHC_AHCT373_15 Datasheet
107Kb / 17P
Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
74AHC_AHCT573 PHILIPS-74AHC_AHCT573_15 Datasheet
139Kb / 19P
Octal D-type transparant latch; 3-state
Rev. 7-8 November 2011
logo
ON Semiconductor
MM74HCT373 ONSEMI-MM74HCT373 Datasheet
230Kb / 12P
3-STATE Octal D-Type Latch
Revised May 2005
logo
Nexperia B.V. All right...
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
732Kb / 19P
Octal D-type transparant latch 3-state
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com