Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC3GU04DC Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC3GU04DC Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC3GU04DC
Download  74AHC3GU04DC Download
File Size   233.66 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple unbuffered inverter

74AHC3GU04DC Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC3GU04DC Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC3GU04DC
Download  74AHC3GU04DC Click to download

File Size   233.66 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple unbuffered inverter

74AHC3GU04DC Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC3GU04DC Product details

1. General description
The 74AHC3GU04 is a high-speed Si-gate CMOS device. This device provides three inverter gates
with unbuffered outputs.
2. Features and benefits
• Symmetrical output impedance
• High noise immunity
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101D exceeds 1000 V
• Low power dissipation
• Balanced propagation delays
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHC3GU04DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC3GU04DC PHILIPS-74AHC3GU04DC Datasheet
97Kb / 17P
high-speed Si-gate CMOS device
Rev. 01-5 March 2004
74AHC3GU04DC NXP-74AHC3GU04DC Datasheet
177Kb / 15P
Inverter
Rev. 04-7 January 2010
logo
Nexperia B.V. All right...
74AHC3GU04DC-Q100 NEXPERIA-74AHC3GU04DC-Q100 Datasheet
233Kb / 13P
Triple unbuffered inverter
More results


Similar Description - 74AHC3GU04DC

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MC74VHC1GU04 ETL-MC74VHC1GU04 Datasheet
575Kb / 4P
Unbuffered Inverter
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
Inverter (Unbuffered)
logo
NXP Semiconductors
74AHC3GU04 PHILIPS-74AHC3GU04_15 Datasheet
201Kb / 16P
Triple unbuffered inverter
Rev. 5-8 May 2013
74HC3GU04 PHILIPS-74HC3GU04_15 Datasheet
198Kb / 17P
Triple unbuffered inverter
Rev. 5-2 October 2013
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Nexperia B.V. All right...
74AHC3GU04-Q100 NEXPERIA-74AHC3GU04-Q100 Datasheet
233Kb / 13P
Triple unbuffered inverter
74HC3GU04-Q100 NEXPERIA-74HC3GU04-Q100 Datasheet
239Kb / 14P
Triple unbuffered inverter
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
Inverter (Unbuffered)
2009-09-24
logo
Nexperia B.V. All right...
74LVC3GU04 NEXPERIA-74LVC3GU04 Datasheet
267Kb / 16P
Triple unbuffered inverter
Rev. 14 - 20 April 2021
74HC3GU04 NEXPERIA-74HC3GU04 Datasheet
238Kb / 14P
Triple unbuffered inverter
Rev. 6 - 29 January 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com