Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC273 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC273 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC273
Download  74AHC273 Download
File Size   270.52 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal D-type flip-flop with reset; positive-edge trigger

74AHC273 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC273 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC273
Download  74AHC273 Click to download

File Size   270.52 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal D-type flip-flop with reset; positive-edge trigger

74AHC273 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC273 Product details

1. General description
The 74AHC273; 74AHCT273 is a high-speed Si-gate CMOS device and is pin compatible with
Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard No. 7-A.
The 74AHC273; 74AHCT273 has eight edge-triggered, D-type flip-flops with individual D inputs
and Q outputs. The common clock (CP) and master reset (MR) inputs, load and reset (clear) all
flip-flops simultaneously. The state of each D input, one set-up time before the LOW-to-HIGH clock
transition, is transferred to the corresponding output (Qn) of the flip-flop. All outputs will be forced
LOW, independent of clock or data inputs, by a LOW on the MR input.
The device is useful for applications where only the true output is required and the clock and
master reset are common to all storage elements.
2. Features
• Balanced propagation delays
• All inputs have Schmitt-trigger actions
• Inputs accept voltages higher than VCC
• Ideal buffer for MOS microcontroller or memory
• Common clock and master reset
• Input levels:
• For 74AHC273: CMOS level
• For 74AHCT273: TTL level
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHC273

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273BQ NXP-74AHC273BQ Datasheet
111Kb / 18P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
logo
Nexperia B.V. All right...
74AHC273BQ-Q100 NEXPERIA-74AHC273BQ-Q100 Datasheet
814Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273D PHILIPS-74AHC273D Datasheet
92Kb / 20P
Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
More results


Similar Description - 74AHC273

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com