Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC139PW Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC139PW Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC139PW
Download  74AHC139PW Download
File Size   592.18 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 2-to-4 line decoder/demultiplexer

74AHC139PW Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC139PW Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC139PW
Download  74AHC139PW Click to download

File Size   592.18 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 2-to-4 line decoder/demultiplexer

74AHC139PW Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC139PW Product details

1. General description
The 74AHC139; 74AHCT139 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard
No. 7-A.
The 74AHC139; 74AHCT139 is a high-speed, dual 2-to-4 line decoder/demultiplexer. This
device has two independent decoders, each accepting two binary weighted inputs (nA0
and nA1) and providing four mutually exclusive active LOW outputs (nY0 to nY3). Each
decoder has an active LOW enable input (nE). When nE is HIGH, every output is forced
HIGH. The enable input can be used as the data input for a 1-to-4 demultiplexer
application.
The 74AHC139; 74AHCT139 is identical to the HEF4556 of the HE4000B family.
2. Features
n Balanced propagation delays
n All inputs have Schmitt-trigger actions
n Inputs accept voltages higher than VCC
n Input levels:
u For 74AHC139: CMOS level
u For 74AHCT139: TTL level
n ESD protection:
u HBM EIA/JESD22-A114E exceeds 2000 V
u MM EIA/JESD22-A115-A exceeds 200 V
u CDM EIA/JESD22-C101C exceeds 1000 V
n Multiple package options
n Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHC139PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC139PW PHILIPS-74AHC139PW Datasheet
582Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
74AHC139PW NXP-74AHC139PW Datasheet
91Kb / 14P
Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74AHC139PW-Q100 NEXPERIA-74AHC139PW-Q100 Datasheet
696Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
logo
NXP Semiconductors
74AHC139PWDH PHILIPS-74AHC139PWDH Datasheet
582Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
More results


Similar Description - 74AHC139PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
Dual 2-to-4 line decoder/demultiplexer
September 1993
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
Dual 2-to-4 line decoder/demultiplexer
74LVC139 NEXPERIA-74LVC139 Datasheet
252Kb / 14P
Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com