Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2108PBF Datasheet (PDF) - International Rectifier

IRS2108PBF Datasheet PDF - International Rectifier
Part # IRS2108PBF
Download  IRS2108PBF Download
File Size   554.51 Kbytes
Page   25 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HALF-BRIDGE DRIVER

IRS2108PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS2108PBF Datasheet PDF - International Rectifier

Part # IRS2108PBF
Download  IRS2108PBF Click to download

File Size   554.51 Kbytes
Page   25 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HALF-BRIDGE DRIVER

IRS2108PBF Datasheet (HTML) - International Rectifier


IRS2108PBF Product details

Description
The IRS2108/IRS21084 are high voltage, high speed power MOSFET and IGBT drivers with dependent high- and low-side referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. The logic input is compatible with standard CMOS or LSTTL output, down to 3.3 V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high-side configuration which operates up to 600 V.

Features
• Floating channel designed for bootstrap operation
• Fully operational to +600 V
• Tolerant to negative transient voltage, dV/dt
   immune
• Gate drive supply range from 10 V to 20 V
• Undervoltage lockout for both channels
• 3.3 V, 5 V, and 15 V input logic compatible
• Cross-conduction prevention logic
• Matched propagation delay for both channels
• High-side output in phase with HIN input
• Low-side output out of phase with LIN input
• Logic and power ground +/- 5 V offset
• Internal 540 ns deadtime, and programmable up
   to 5 µs with one external RDT resistor (IRS21084)
• Lower di/dt gate driver for better noise immunity
• RoHS compliant




Similar Part No. - IRS2108PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2108 IRF-IRS2108 Datasheet
1Mb / 25P
HALF-BRIDGE DRIVER
IRS2108 IRF-IRS2108 Datasheet
1Mb / 25P
HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IRS2108 INFINEON-IRS2108 Datasheet
1Mb / 25P
HALF-BRIDGE DRIVER
Data Sheet No. PD60260
IRS21084 INFINEON-IRS21084 Datasheet
1Mb / 25P
HALF-BRIDGE DRIVER
Data Sheet No. PD60260
logo
International Rectifier
IRS21084PBF IRF-IRS21084PBF Datasheet
1Mb / 25P
HALF-BRIDGE DRIVER
More results


Similar Description - IRS2108PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
IRS2103 IRF-IRS2103_15 Datasheet
1Mb / 14P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
logo
Infineon Technologies A...
IR2109 INFINEON-IR2109 Datasheet
357Kb / 25P
HALF-BRIDGE DRIVER
IR2111 INFINEON-IR2111 Datasheet
167Kb / 15P
HALF-BRIDGE DRIVER
Data Sheet No. PD60028-M
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com