Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2ED2748S01G Datasheet (PDF) - Infineon Technologies AG

2ED2748S01G Datasheet PDF - Infineon Technologies AG
Part # 2ED2748S01G
Download  2ED2748S01G Download
File Size   579.34 Kbytes
Page   23 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 160 V half bridge SOI gate driver with integrated bootstrap diode

2ED2748S01G Datasheet (PDF)

Go To PDF Page Download Datasheet
2ED2748S01G Datasheet PDF - Infineon Technologies AG

Part # 2ED2748S01G
Download  2ED2748S01G Click to download

File Size   579.34 Kbytes
Page   23 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 160 V half bridge SOI gate driver with integrated bootstrap diode

2ED2748S01G Datasheet (HTML) - Infineon Technologies AG


2ED2748S01G Product details

Features
 Bootstrap voltage (VB node) of +160 V
 Floating channel designed for bootstrap operation
 Integrated low RON, ultra-fast bootstrap diodes
 Independent under voltage lockout for both high and low side
 Integrated shoot-through protection with built-in dead time
 Integrated short pulse / noise rejection input filter
 Schmitt trigger inputs with hysteresis
 3.3 V, 5 V input logic compatible, outputs in phase with inputs
 Available in small footprint VSON-10 lead, 3 x 3 mm package
 2.5 kV HBM ESD, RoHS compliant




Similar Part No. - 2ED2748S01G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2ED2748S01G INFINEON-2ED2748S01G Datasheet
549Kb / 22P
160 V high side, low side SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
2ED2748S01G INFINEON-2ED2748S01G Datasheet
550Kb / 22P
160 V high side, low side SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
2ED2748S01G INFINEON-2ED2748S01G Datasheet
550Kb / 22P
160 V high side, low side SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
2ED2748S01G INFINEON-2ED2748S01G Datasheet
572Kb / 24P
160 V half bridge SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
2ED2748S01G INFINEON-2ED2748S01G Datasheet
561Kb / 24P
160 V half bridge SOI gate driver with integrated bootstrap diode
V 1.0 2023-08-01
More results


Similar Description - 2ED2748S01G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2ED2108S06F INFINEON-2ED2108S06F Datasheet
1Mb / 25P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2109S06F INFINEON-2ED2109S06F Datasheet
1Mb / 26P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED21091S06F INFINEON-2ED21091S06F Datasheet
1Mb / 26P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2103S06F INFINEON-2ED2103S06F Datasheet
1Mb / 25P
650 V half bridge gate driver with integrated bootstrap diode
V 2.3 2020-12-07
2ED28073J06F INFINEON-2ED28073J06F Datasheet
1Mb / 26P
600 V half-bridge gate driver with integrated bootstrap diode
V 2.0 2020-04-23
2ED2732S01G INFINEON-2ED2732S01G Datasheet
549Kb / 22P
160 V high side, low side SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
2ED2734S01G INFINEON-2ED2734S01G Datasheet
550Kb / 22P
160 V high side, low side SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
2ED2738S01G INFINEON-2ED2738S01G Datasheet
550Kb / 22P
160 V high side, low side SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
2ED2742S01G INFINEON-2ED2742S01G Datasheet
572Kb / 24P
160 V half bridge SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
2ED2744S01G INFINEON-2ED2744S01G Datasheet
579Kb / 23P
160 V half bridge SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com