Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8215TU-E2 Datasheet (PDF) - Renesas Technology Corp

UPC8215TU-E2 Datasheet PDF - Renesas Technology Corp
Part # UPC8215TU-E2
Download  UPC8215TU-E2 Download
File Size   297.3 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUIT

UPC8215TU-E2 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8215TU-E2 Datasheet PDF - Renesas Technology Corp

Part # UPC8215TU-E2
Download  UPC8215TU-E2 Click to download

File Size   297.3 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUIT

UPC8215TU-E2 Datasheet (HTML) - Renesas Technology Corp


UPC8215TU-E2 Product details

FEATURES
• Low noise : NF = 1.3 dB TYP. @ VCC = 3.0 V
• High gain : GP = 27.0 dB TYP. @ VCC = 3.0 V
• Low distortion : OIP3 = +12.5 dBm TYP. @ VCC = 3.0 V
• High-density surface mounting : 8-pin lead-less minimold package (2.0 × 2.2 × 0.5 mm)
• High performance with minimum external components
• Output matched to 50 Ω




Similar Part No. - UPC8215TU-E2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8215TU-E2 CEL-UPC8215TU-E2 Datasheet
291Kb / 8P
SiGe LOW NOISE AMPLIFIER FOR GPS/MOBILE COMMUNICATIONS
UPC8215TU-E2-A CEL-UPC8215TU-E2-A Datasheet
291Kb / 8P
SiGe LOW NOISE AMPLIFIER FOR GPS/MOBILE COMMUNICATIONS
More results


Similar Description - UPC8215TU-E2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC177GR-9LG RENESAS-UPC177GR-9LG Datasheet
314Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC317 RENESAS-UPC317 Datasheet
345Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC339 RENESAS-UPC339 Datasheet
236Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com