Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT-5.5MB Datasheet (PDF) - Transko Electronics, Inc.

XT-5.5MB Datasheet PDF - Transko Electronics, Inc.
Part # XT-5.5MB
Download  XT-5.5MB Download
File Size   368.18 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description CERAMIC TRAP (3pins type)

XT-5.5MB Datasheet (PDF)

Go To PDF Page Download Datasheet
XT-5.5MB Datasheet PDF - Transko Electronics, Inc.

Part # XT-5.5MB
Download  XT-5.5MB Click to download

File Size   368.18 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description CERAMIC TRAP (3pins type)

XT-5.5MB Datasheet (HTML) - Transko Electronics, Inc.


XT-5.5MB Product details

FEATURES:
 THREE-TERMINAL TYPE
 3.58 / 4.43 / 4.5 / 5.5 / 5.742/ 6.0 / 6.5 MHz ARE AVAILABLE




Similar Part No. - XT-5.5MB

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
XT-5.5MJ TRANSKO-XT-5.5MJ Datasheet
375Kb / 1P
CERAMIC TRAP (2pin type)
Rev. 1: Jul. 2014
More results


Similar Description - XT-5.5MB

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XT4.5MB EUROQUARTZ-XT4.5MB Datasheet
42Kb / 1P
CERAMIC TRAP
logo
ECS, Inc.
XT4.5MB ECS-XT4.5MB Datasheet
189Kb / 2P
CERAMIC TRAP
logo
Vanlong Technology Co.,...
XT_M VANLONG-XT_M Datasheet
22Kb / 1P
Ceramic Trap
logo
TOKO, Inc
TP98-A0-001C TOKO-TP98-A0-001C Datasheet
135Kb / 1P
Ceramic Trap
logo
Token Electronics Indus...
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
logo
Transko Electronics, In...
8ZTT TRANSKO-8ZTT Datasheet
405Kb / 1P
CERAMIC THROUGH HOLE RESONATORS - 3PINS
Rev.1: Jul. 2014
10.7M TRANSKO-10.7M Datasheet
375Kb / 1P
CERAMIC FILTER (10.7MHz Series, 3pins)
Rev. 1: Jul. 2014
LT450_455U TRANSKO-LT450_455U Datasheet
284Kb / 2P
CERAMIC FILTER (3pins)
Rev 3: 02-10-2023
LT_LTS TRANSKO-LT_LTS Datasheet
370Kb / 1P
CERAMIC FILTER (MHz band, 3pins)
Rev. 1: Jul. 2014
XTMJ TRANSKO-XTMJ Datasheet
375Kb / 1P
CERAMIC TRAP (2pin type)
Rev. 1: Jul. 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com