Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC162836A Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVC162836A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVC162836A
Download  74ALVC162836A Download
File Size   204.75 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state

74ALVC162836A Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC162836A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVC162836A
Download  74ALVC162836A Click to download

File Size   204.75 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state

74ALVC162836A Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVC162836A Product details

1 General description
The 74ALVC162836A is a 20-bit universal bus driver. Data flow is controlled by output
enable (OE), latch enable (LE) and clock inputs (CP).
When LE is HIGH, the An to Yn data flow is transparent. When LE is HIGH and CP is
held at LOW or HIGH, the data is latched; on the LOW to HIGH transient of CP the Adata
is stored in the latch/flip-flop.
The 74ALVC162836A is designed with 30 Ω series resistors in both HIGH or LOW output
stages.
When OE is LOW the outputs are active. When OE is HIGH, the outputs go to the
high impedance OFF-state. Operation of the OE input does not affect the state of the
latch/flip-flop.
To ensure the high-impedance state during power up or power down, OE should be tied
to VCC through a pullup resistor; the minimum value of the resistor is determined by the
current-sinking capability of the driver.
2 Features and benefits
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low-power consumption
• Direct interface with TTL levels
• Current drive ± 12 mA at 3.0 V
• MULTIBYTE flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimum noise and ground bounce
• Output drive capability 50 Ω transmission lines at 85°C
• Integrated 30 Ω termination resistors
• Diode clamps to VCC and GND on all inputs
• Input diodes to accommodate strong drivers
• Complies with JEDEC standards:
– JESD8-5 (2.3 V to 2.7 V)
– JESD8B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
– HBM ANSI/ESDA/JEDEC JS-001 exceeds 2000 V
– CDM JESD22-C101E exceeds 1000 V




Similar Part No. - 74ALVC162836A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
100Kb / 12P
20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162836ADGG PHILIPS-74ALVC162836ADGG Datasheet
121Kb / 12P
20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162836ADGG PHILIPS-74ALVC162836ADGG Datasheet
100Kb / 12P
20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162836A_0006 PHILIPS-74ALVC162836A_0006 Datasheet
100Kb / 12P
20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
More results


Similar Description - 74ALVC162836A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74AVCM162836 PHILIPS-74AVCM162836 Datasheet
99Kb / 10P
20-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State
2001 Apr 20
74ALVC162334A NXP-74ALVC162334A Datasheet
124Kb / 19P
16-bit registered driver with inverted register enable and 30 W termination resistors (3-state)
Rev. 03-13 December 2006
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162836A_0006 PHILIPS-74ALVC162836A_0006 Datasheet
100Kb / 12P
20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162334A PHILIPS-74ALVC162334A_15 Datasheet
124Kb / 19P
16-bit registered driver with inverted register enable and 30 W termination resistors (3-state)
Rev. 03-13 December 2006
74AVCM162836_2 PHILIPS-74AVCM162836_2_15 Datasheet
106Kb / 10P
20-bit registered driver with inverted register enable and 15 W termination resistors (3-State)
2001 Apr 20
logo
Nexperia B.V. All right...
74ALVC162334A NEXPERIA-74ALVC162334A Datasheet
663Kb / 19P
16-bit registered driver with inverted register enable and 30 Ω termination resistors (3-state)
Rev. 03 - 13 December 2006
74ALVC162834A NEXPERIA-74ALVC162834A Datasheet
202Kb / 15P
18-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 13 June 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com