Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAX-355 Datasheet (PDF) - Advantech Co., Ltd.

PAX-355 Datasheet PDF - Advantech Co., Ltd.
Part # PAX-355
Download  PAX-355 Download
File Size   705.02 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 55" UHD Surgical Display

PAX-355 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAX-355 Datasheet PDF - Advantech Co., Ltd.

Part # PAX-355
Download  PAX-355 Click to download

File Size   705.02 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 55" UHD Surgical Display

PAX-355 Datasheet (HTML) - Advantech Co., Ltd.


PAX-355 Product details

Features
ƒ High Brightness and High Contrast Ratio
ƒ UHD Resolution (3840 x 2160)
ƒ HDMI1.4, Support Up to 3840 x 2160 @ 30 Hz
ƒ HDMI2.0, Support Up to 3840 x 2160 @ 60 Hz
ƒ Display Port 1.2, Support Up to 4K x 2K, 3840 x 2160 @ 60 Hz
ƒ Multi-Picture display: Normal , PiP, PBP, 4P
ƒ 14 Bit LUT (Look Up Table) processing
ƒ DICOM Standard GSDF included (DICOM Part 14 Compliant)
ƒ DICOM Clear , Blue Mode support
ƒ Variable Gamma and DICOM (Color Temp) mode
ƒ Built in Touch Screen (Option)
ƒ True Flat Design




Similar Part No. - PAX-355

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PAX-324 ADVANTECH-PAX-324 Datasheet
696Kb / 2P
24" FHD Surgical Monitor
18-Apr-2023
PAX-324-C2B-HAR ADVANTECH-PAX-324-C2B-HAR Datasheet
696Kb / 2P
24" FHD Surgical Monitor
18-Apr-2023
PAX-324-C2B-HAS ADVANTECH-PAX-324-C2B-HAS Datasheet
696Kb / 2P
24" FHD Surgical Monitor
18-Apr-2023
PAX-324-C2B-NAR ADVANTECH-PAX-324-C2B-NAR Datasheet
696Kb / 2P
24" FHD Surgical Monitor
18-Apr-2023
PAX-324-C2B-NAS ADVANTECH-PAX-324-C2B-NAS Datasheet
696Kb / 2P
24" FHD Surgical Monitor
18-Apr-2023
More results


Similar Description - PAX-355

ManufacturerPart #DatasheetDescription
logo
NEC
P553 NEC-P553 Datasheet
817Kb / 2P
NEC LCD 55 Large Format Display
V552 NEC-V552 Datasheet
843Kb / 2P
NEC LCD 55 Large Format Display
X552S NEC-X552S Datasheet
765Kb / 2P
NEC LCD 55 Large Format Display
X554UN NEC-X554UN Datasheet
1Mb / 2P
NEC LCD 55 Large Format Display
X555UNV NEC-X555UNV Datasheet
913Kb / 2P
NEC LCD 55" Specialty Large Format Display
logo
Panasonic Semiconductor
TH-98LQ70LW PANASONIC-TH-98LQ70LW Datasheet
648Kb / 3P
98-inch 4K UHD LCD Display
logo
Advantech Co., Ltd.
PAX-324 ADVANTECH-PAX-324 Datasheet
696Kb / 2P
24" FHD Surgical Monitor
18-Apr-2023
PAX-327-4K ADVANTECH-PAX-327-4K Datasheet
496Kb / 2P
27" 4K Surgical Monitor
18-Apr-2023
PAX-332 ADVANTECH-PAX-332 Datasheet
499Kb / 2P
32" FHD Surgical Monitor
18-Apr-2023
AVAS-60 ADVANTECH-AVAS-60 Datasheet
121Kb / 1P
Integrated Mobile Surgical Workstation
9-Jul-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com