Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMC86116LZ Datasheet (PDF) - ON Semiconductor

FDMC86116LZ Datasheet PDF - ON Semiconductor
Part # FDMC86116LZ
Download  FDMC86116LZ Download
File Size   582.34 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel Power MOSFET

FDMC86116LZ Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMC86116LZ Datasheet PDF - ON Semiconductor

Part # FDMC86116LZ
Download  FDMC86116LZ Click to download

File Size   582.34 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel Power MOSFET

FDMC86116LZ Datasheet (HTML) - ON Semiconductor


FDMC86116LZ Product details

Features
• Max RDS(on) = 103 m at VGS = 10 V, ID = 3.3 A
• Max RDS(on) = 153 m at VGS = 4.5 V, ID = 2.7 A
• HBM ESD Protection Level > 3 kV Typical (Note 1)
• 100% UIL Tested
• These Devices are Pb−Free and are RoHS Compliant

Applications
• DC−DC Conversion

General Description
This N−Channel logic Level MOSFETs are produced using
onsemi‘s advanced POWERTRENCH process that incorporates
Shielded Gate technology. This process has been optimized for the
on−state resistance and yet maintain superior switching performance.
G−S zener has been added to enhance ESD voltage level.




Similar Part No. - FDMC86116LZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86116LZ FAIRCHILD-FDMC86116LZ Datasheet
347Kb / 7P
N-Channel Power Trench MOSFET 100 V, 7.5 A, 103 m廓
More results


Similar Description - FDMC86116LZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com