Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT645AT Datasheet (PDF) - Integrated Device Technology

IDT74FCT645AT Datasheet PDF - Integrated Device Technology
Part # IDT74FCT645AT
Download  IDT74FCT645AT Download
File Size   110.46 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER

IDT74FCT645AT Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT645AT Datasheet PDF - Integrated Device Technology

Part # IDT74FCT645AT
Download  IDT74FCT645AT Click to download

File Size   110.46 Kbytes
Page   6 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER

IDT74FCT645AT Datasheet (HTML) - Integrated Device Technology


IDT74FCT645AT Product details

DESCRIPTION:
The IDT octal bidirectional transceivers are built using an advanced dual metal CMOS technology. The FCT245T/FCT2245T, FCT640T and FCT645T are designed for asynchronous two-way communication between data buses. Thetransmit/receive (T/R) input determines the direction of data flow through the bidirectional transceiver.

FEATURES:
• Common features:
– Low input and output leakage ≤1µA (max.)
– CMOS power levels
– True TTL input and output compatibility
– VOH= 3.3V (typ.)
– VOL= 0.3V (typ.)
– Meets or exceeds JEDEC standard 18 specifications
– Product available in Radiation Tolerant and Radiation Enhanced versions
– Military product compliant to MIL-STD-883, Class B and DESC listed (dual marked)
– Available in DIP, SOIC, SSOP, QSOP, CERPACK and LCC packages
• Features for FCT245T/FCT640T/FCT645T:
– Std., A, C and D speed grades
– High drive outputs (-15mA IOH, 64mA IOL)
• Features for FCT2245T:
– Std., A and C speed grades
– Resistor outputs (-15mA IOH, 12mA IOLCom.)
                        (-12mA IOH, 12mA IOLMil.)
– Reduced system switching noise




Similar Part No. - IDT74FCT645AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT645AT IDT-IDT74FCT645AT Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT645ATD IDT-IDT74FCT645ATD Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT645ATDB IDT-IDT74FCT645ATDB Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT645ATE IDT-IDT74FCT645ATE Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT645ATEB IDT-IDT74FCT645ATEB Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results


Similar Description - IDT74FCT645AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT543T IDT-IDT74FCT543T Datasheet
119Kb / 7P
FAST CMOS OCTAL LATCHED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT2245AT RENESAS-IDT74FCT2245AT Datasheet
388Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
APRIL 2016
IDT74FCT3245 RENESAS-IDT74FCT3245 Datasheet
211Kb / 7P
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com