Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLD6S22A Datasheet (PDF) - Littelfuse

SLD6S22A Datasheet PDF - Littelfuse
Part # SLD6S22A
Download  SLD6S22A Download
File Size   745.42 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Surface Mount

SLD6S22A Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD6S22A Datasheet PDF - Littelfuse

Part # SLD6S22A
Download  SLD6S22A Click to download

File Size   745.42 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Surface Mount

SLD6S22A Datasheet (HTML) - Littelfuse


SLD6S22A Product details

Description
The SLD6S unidirectional TVS Diode series is housed in a SMTO-
263 package with lead modifications. It is designed to protect
sensitive electronics against ESD, EFT, 10/1000 surge events and
inductive load switching voltage transient events for severe
Automotive Load Dump applications.

Features
■ AEC-Q101 qualified with
automotive grade (PPAP
capable)
■ SMTO-263 package, and foot
print is compatible to industrial
popular DO-218AB package
■ Meet ISO7637-2 5a/5b
protection, ISO16750 and
JASO D-001 load dump test
(refer to APP note for details)
■ VBR @ TJ= VBR@25°C x (1+αT
x (TJ - 25))(αT:Temperature
Coefficient, typical value is
0.1%
■ Glass passivated chip junction
in modified TO-263 package
■ ESD protection of data lines in
accordance with IEC 61000-4-
2, 30kV(Air), 30kV (Contact)
■ EFT protection of data lines in
accordance with IEC 61000-
4-4
■ Fast response time: typically
less than 1.0ps from 0 Volts to
VBR min
■ Excellent clamping capability
■ Low incremental surge
resistance
■ UL Recognized compound
meeting flammability rating V-
■ Meets MSL level 1, per
J-STD-020, High temperature
reflow soldering guaranteed:
260°C/10sec at terminals
■ For surface mounted
applications to optimize board
space
■ Low profile package
■ Matte tin lead–free plated
■ Halogen free and RoHS
compliant
■ Pb-free E3 means 2nd level
interconnect is Pb-free and
the terminal finish material is
tin (Sn) (IPC/JEDEC J-STD-
609A.01)

Designed to protect sensitive electronics from:
■ Inductive Load Switching
■ Alternator Load Dump
Applications




Similar Part No. - SLD6S22A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Meipusen Semic...
SLD60R2K3SJ MAPLESMI-SLD60R2K3SJ Datasheet
631Kb / 7P
600V N-Channel MOSFET
SLD60R380S2 MAPLESMI-SLD60R380S2 Datasheet
1Mb / 6P
600V N-channel MOSFET
SLD60R650S2 MAPLESMI-SLD60R650S2 Datasheet
1,016Kb / 6P
600V N-channel MOSFET
logo
Sony Corporation
SLD6162RLI SONY-SLD6162RLI Datasheet
49Kb / 4P
Two-wavelength Laser Diode
SLD6163RL SONY-SLD6163RL Datasheet
38Kb / 1P
Dual wavelength Laser Diode
More results


Similar Description - SLD6S22A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
455 LITTELFUSE-455 Datasheet
61Kb / 1P
Surface Mount Fuses - Subminiature Surface Mount
464 LITTELFUSE-464 Datasheet
56Kb / 1P
Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
Surface Mount Fuses - Subminiature Surface Mount
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
Surface Mount Fuses Surface Mount Fuses
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com