Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIS6327 Datasheet (PDF) - VBsemi Electronics Co.,Ltd

MIS6327 Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # MIS6327
Download  MIS6327 Download
File Size   607.47 Kbytes
Page   10 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N- and P-Channel 20V (D-S) MOSFET

MIS6327 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIS6327 Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # MIS6327
Download  MIS6327 Click to download

File Size   607.47 Kbytes
Page   10 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N- and P-Channel 20V (D-S) MOSFET

MIS6327 Datasheet (HTML) - VBsemi Electronics Co.,Ltd


MIS6327 Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• 100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - MIS6327

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MIS6300 VBSEMI-MIS6300 Datasheet
486Kb / 9P
N-Channel 30 V (D-S) MOSFET
MIS6301 VBSEMI-MIS6301 Datasheet
449Kb / 9P
P-Channel 30-V (D-S) MOSFET
MIS6306 VBSEMI-MIS6306 Datasheet
486Kb / 9P
N-Channel 30 V (D-S) MOSFET
MIS6307 VBSEMI-MIS6307 Datasheet
449Kb / 9P
P-Channel 30-V (D-S) MOSFET
MIS6357 VBSEMI-MIS6357 Datasheet
607Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
More results


Similar Description - MIS6327

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
M2704 VBSEMI-M2704 Datasheet
607Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
MTC3585N6 VBSEMI-MTC3585N6 Datasheet
606Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
NTGD4167CT1G VBSEMI-NTGD4167CT1G Datasheet
607Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
SM2700CSC VBSEMI-SM2700CSC Datasheet
603Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
SPC6605ST6RG VBSEMI-SPC6605ST6RG Datasheet
613Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
STS2620A VBSEMI-STS2620A Datasheet
613Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
STS6604L VBSEMI-STS6604L Datasheet
613Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
STT3524C VBSEMI-STT3524C Datasheet
611Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
STT3585 VBSEMI-STT3585 Datasheet
612Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
STT6601 VBSEMI-STT6601 Datasheet
613Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com