Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POC-S199 Datasheet (PDF) - Advantech Co., Ltd.

POC-S199 Datasheet PDF - Advantech Co., Ltd.
Part # POC-S199
Download  POC-S199 Download
File Size   594.8 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 19" Slim Point-of-Care Terminal with IP54 Enclosure and Multi-touch Screen

POC-S199 Datasheet (PDF)

Go To PDF Page Download Datasheet
POC-S199 Datasheet PDF - Advantech Co., Ltd.

Part # POC-S199
Download  POC-S199 Click to download

File Size   594.8 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 19" Slim Point-of-Care Terminal with IP54 Enclosure and Multi-touch Screen

POC-S199 Datasheet (HTML) - Advantech Co., Ltd.


POC-S199 Product details

Features
ƒƒ 19" LCD display with 16.7 M colors
ƒƒ 6th Generation Intel® Core™ i7/i5/i3/Celeron® processor
ƒƒ True flat panel with multi-touch projective capacitive touchscreen
ƒƒ Fanless design with full system IP54 dust and splash protection
ƒƒ Isolated design provides unique electric leakage protection for COM and LAN
ports
ƒƒ UL60601-1/EN60601-1 Ed. 3.1 certified ensures highest levels of safety and
reliability
ƒƒ Optional Bluetooth, RFID, WLAN, and Li-ion battery pack
ƒƒ Built-in POC intelligent software solution for easy management




Similar Part No. - POC-S199

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-S195 ADVANTECH-POC-S195 Datasheet
718Kb / 2P
19 Slim Point-of-Care Terminal with IP54 Standard Compliance
POC-S195-P1-CE ADVANTECH-POC-S195-P1-CE Datasheet
718Kb / 2P
19 Slim Point-of-Care Terminal with IP54 Standard Compliance
POC-S195-P1-CTE ADVANTECH-POC-S195-P1-CTE Datasheet
718Kb / 2P
19 Slim Point-of-Care Terminal with IP54 Standard Compliance
POC-S196 ADVANTECH-POC-S196 Datasheet
472Kb / 2P
19 Slim Point-of-Care Terminal with Intel짰 Core??Duo Processor
POC-S196-120-AE ADVANTECH-POC-S196-120-AE Datasheet
472Kb / 2P
19 Slim Point-of-Care Terminal with Intel짰 Core??Duo Processor
More results


Similar Description - POC-S199

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POC-S195 ADVANTECH-POC-S195 Datasheet
718Kb / 2P
19 Slim Point-of-Care Terminal with IP54 Standard Compliance
POC-S196 ADVANTECH-POC-S196 Datasheet
472Kb / 2P
19 Slim Point-of-Care Terminal with Intel짰 Core??Duo Processor
POC-S157-120-ATE ADVANTECH-POC-S157-120-ATE Datasheet
694Kb / 2P
Slim Point-of-Care Terminal with 15" TFT LCD
POC-S177-120-ATE ADVANTECH-POC-S177-120-ATE Datasheet
513Kb / 2P
Slim Point of Care Terminal with GS45 platform
POC-S197-12F-ATE ADVANTECH-POC-S197-12F-ATE Datasheet
935Kb / 2P
19" Slim Point-of-Care Terminal with True Flat Panel
POC-S198-25F-ATE ADVANTECH-POC-S198-25F-ATE Datasheet
862Kb / 2P
19" Slim Point-of-Care Terminal with IP54 Enclosure and Multi-touch Screen
POC-W212-A11D-ACE ADVANTECH-POC-W212-A11D-ACE Datasheet
538Kb / 2P
21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
POC-S198-WF0E ADVANTECH-POC-S198-WF0E Datasheet
716Kb / 2P
19 Slim Point-of-Care Terminal with IP54 Enclosure and Multi-touch Screen
POC-S198 ADVANTECH-POC-S198 Datasheet
716Kb / 2P
19' Slim Point-of-Care Terminal with IP54 Enclosure and Multi-touch Screen
POC-W211IP54 ADVANTECH-POC-W211IP54 Datasheet
1Mb / 2P
21.5 Widescreen Fanless Point-of-Care Terminal with IP54 Enclosure
20Aug-2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com