Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25T00UP Datasheet (PDF) - Belden Inc.

25T00UP Datasheet PDF - Belden Inc.
Part # 25T00UP
Download  25T00UP Download
File Size   139.29 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, 2 Conductor 10 AWG BC, Armored

25T00UP Datasheet (PDF)

Go To PDF Page Download Datasheet
25T00UP Datasheet PDF - Belden Inc.

Part # 25T00UP
Download  25T00UP Click to download

File Size   139.29 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, 2 Conductor 10 AWG BC, Armored

25T00UP Datasheet (HTML) - Belden Inc.


25T00UP Product details

Product Description
Commercial Audio Cable, Armored, 2 Conductor 10 AWG stranded (65x28) bare copper conductors with PVC insulation, PVC jacket.




Similar Part No. - 25T00UP

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
25T03GJ VBSEMI-25T03GJ Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Nell Semiconductor Co.,...
25T06A-B NELLSEMI-25T06A-B Datasheet
613Kb / 6P
TRIACs
25T06A-BW NELLSEMI-25T06A-BW Datasheet
865Kb / 6P
TRIACs, 25A Sunbberless and Standard
25T06A-BW NELLSEMI-25T06A-BW Datasheet
613Kb / 6P
TRIACs
25T06A-CW NELLSEMI-25T06A-CW Datasheet
613Kb / 6P
TRIACs
More results


Similar Description - 25T00UP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1813A BELDEN-1813A Datasheet
184Kb / 2P
Audio Cable, 2 Conductor 24 AWG, BC
01-20-2023
1353A BELDEN-1353A Datasheet
143Kb / 2P
Digital Audio Cable, 2 Conductor 24 AWG, BC, CMR
12-20-2022
5100UP BELDEN-5100UP Datasheet
144Kb / 2P
Audio Cable, 2 Conductor 14 AWG, BC, Unshielded, CL3
04-13-2023
5T00UP BELDEN-5T00UP Datasheet
142Kb / 2P
Audio Cable, 2 Conductor 10 AWG, BC, Unshielded, CL2
04-13-2023
5000UP BELDEN-5000UP Datasheet
143Kb / 2P
Audio Cable, 2 Conductor 12 AWG, BC, Unshielded, CL3
04-13-2023
6T00UP BELDEN-6T00UP Datasheet
142Kb / 2P
Audio Cable, 2 Conductor 10 AWG, BC, CL2P
04-13-2023
25200UE BELDEN-25200UE Datasheet
143Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, Armored
12-20-2022
5300UP BELDEN-5300UP Datasheet
153Kb / 2P
Audio Cable, 2 Conductor 18 AWG, BC, Unshielded, CM
12-19-2022
5200UP BELDEN-5200UP Datasheet
176Kb / 2P
Audio Cable, 2 Conductor 16 AWG, BC, Unshielded, CM
04-28-2023
25100UE BELDEN-25100UE Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, Armored
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com