Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5002U1 Datasheet (PDF) - Belden Inc.

5002U1 Datasheet PDF - Belden Inc.
Part # 5002U1
Download  5002U1 Download
File Size   204.76 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 4 Conductor 12 AWG TC, Waterblocked, CL3

5002U1 Datasheet (PDF)

Go To PDF Page Download Datasheet
5002U1 Datasheet PDF - Belden Inc.

Part # 5002U1
Download  5002U1 Click to download

File Size   204.76 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 4 Conductor 12 AWG TC, Waterblocked, CL3

5002U1 Datasheet (HTML) - Belden Inc.


5002U1 Product details

Product Description
Security & Commercial Audio Cable, 4 Conductor 12 AWG stranded (19x25) tinned copper conductors with PVC insulation, Waterblocking tape, CL3, PVC
jacket with ripcord.




Similar Part No. - 5002U1

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5002UP BELDEN-5002UP Datasheet
141Kb / 2P
Audio Cable, 4 Conductor 12 AWG, BC, CL3
04-13-2023
5002UP-005500 BELDEN-5002UP-005500 Datasheet
141Kb / 2P
Audio Cable, 4 Conductor 12 AWG, BC, CL3
04-13-2023
5002UP-0081000 BELDEN-5002UP-0081000 Datasheet
141Kb / 2P
Audio Cable, 4 Conductor 12 AWG, BC, CL3
04-13-2023
5002UP-008500 BELDEN-5002UP-008500 Datasheet
141Kb / 2P
Audio Cable, 4 Conductor 12 AWG, BC, CL3
04-13-2023
5002UP-0091000 BELDEN-5002UP-0091000 Datasheet
141Kb / 2P
Audio Cable, 4 Conductor 12 AWG, BC, CL3
04-13-2023
More results


Similar Description - 5002U1

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5100U1 BELDEN-5100U1 Datasheet
175Kb / 2P
Security & Sound, 2 Conductor 14 AWG TC, Waterblocked, CL3
12-20-2022
5000U1 BELDEN-5000U1 Datasheet
174Kb / 2P
Security & Sound, 2 Conductor-12 AWG TC, CL3
12-20-2022
6000FH BELDEN-6000FH Datasheet
143Kb / 2P
Security & Sound, 2 Conductor 12 AWG TC, CL2P
12-20-2022
6002UH BELDEN-6002UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 12 AWG TC, CL2P
12-20-2022
6202UH BELDEN-6202UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 16 AWG, TC, CMP
12-20-2022
6302UH BELDEN-6302UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 18 AWG, TC, CMP
12-20-2022
6402UH BELDEN-6402UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 20 AWG, TC, CMP
12-20-2022
6502UH BELDEN-6502UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 22 AWG, TC, CMP
12-20-2022
5001UH BELDEN-5001UH Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 12 AWG, TC, CL3R
11-09-2022
6000UH BELDEN-6000UH Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 12 AWG, TC, Plenum
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com