Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5300UH Datasheet (PDF) - Belden Inc.

5300UH Datasheet PDF - Belden Inc.
Part # 5300UH
Download  5300UH Download
File Size   152.86 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 18 AWG, TC, Riser

5300UH Datasheet (PDF)

Go To PDF Page Download Datasheet
5300UH Datasheet PDF - Belden Inc.

Part # 5300UH
Download  5300UH Click to download

File Size   152.86 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 18 AWG, TC, Riser

5300UH Datasheet (HTML) - Belden Inc.


5300UH Product details

Product Description
Security & Commercial Audio Cable, 2 Conductor 18 AWG stranded (7x26) tinned copper conductors with polyolefin insulation, Riser, PVC jacket with ripcord.




Similar Part No. - 5300UH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5300U1 BELDEN-5300U1 Datasheet
146Kb / 2P
Security & Sound, #18-2c, TC, CL3, Water-Blocked
02-15-2024
5300U1-0081000 BELDEN-5300U1-0081000 Datasheet
146Kb / 2P
Security & Sound, #18-2c, TC, CL3, Water-Blocked
02-15-2024
5300U1-008U1000 BELDEN-5300U1-008U1000 Datasheet
146Kb / 2P
Security & Sound, #18-2c, TC, CL3, Water-Blocked
02-15-2024
5300U1-0101000 BELDEN-5300U1-0101000 Datasheet
146Kb / 2P
Security & Sound, #18-2c, TC, CL3, Water-Blocked
02-15-2024
5300UE BELDEN-5300UE Datasheet
268Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Unshielded, CMR
More results


Similar Description - 5300UH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5300FH BELDEN-5300FH Datasheet
152Kb / 2P
Security & Sound, 2 Conductor 18 AWG, TC, Shielded, Riser
12-20-2022
6301FH BELDEN-6301FH Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 18 AWG, TC, CMP
12-20-2022
6302UH BELDEN-6302UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 18 AWG, TC, CMP
12-20-2022
5200UH BELDEN-5200UH Datasheet
150Kb / 2P
Security & Sound, 2 Conductor 16 AWG, TC, Riser
12-20-2022
5501FH BELDEN-5501FH Datasheet
147Kb / 2P
Security & Sound, 3 Conductor 22 AWG TC, Shielded, Riser
12-20-2022
6300FH BELDEN-6300FH Datasheet
147Kb / 2P
Security & Sound, 2 Conductor 18 AWG, TC, Shielded, Plenum
12-20-2022
6300UH BELDEN-6300UH Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 18 AWG TC, Plenum
12-20-2022
5101FH BELDEN-5101FH Datasheet
152Kb / 2P
Security & Sound, 3 Conductor 14 AWG TC, Shielded, Riser
11-09-2022
5301FH BELDEN-5301FH Datasheet
145Kb / 2P
Security & Sound, 3 Conductor 18 AWG, TC, CMR
12-20-2022
6301UH BELDEN-6301UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 18 AWG, TC, CMP
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com