Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3008CBKV Datasheet (PDF) - Nexperia B.V. All rights reserved

NX3008CBKV Datasheet PDF - Nexperia B.V. All rights reserved
Part # NX3008CBKV
Download  NX3008CBKV Download
File Size   310.2 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 / 30 V, 400 / 220 mA N/P-channel Trench MOSFET

NX3008CBKV Datasheet (PDF)

Go To PDF Page Download Datasheet
NX3008CBKV Datasheet PDF - Nexperia B.V. All rights reserved

Part # NX3008CBKV
Download  NX3008CBKV Click to download

File Size   310.2 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 / 30 V, 400 / 220 mA N/P-channel Trench MOSFET

NX3008CBKV Datasheet (HTML) - Nexperia B.V. All rights reserved


NX3008CBKV Product details

1. General description
Complementary N/P-channel enhancement mode Field-Effect Transistor (FET) in an ultra small
and flat lead SOT666 Surface-Mounted Device (SMD) plastic package using Trench MOSFET
technology.
2. Features and benefits
• Low threshold voltage
• Very fast switching
• Trench MOSFET technology
• ESD protection up to 2 kV
3. Applications
• Level shifter
• Power supply converter
• Loadswitch
• Switching circuits




Similar Part No. - NX3008CBKV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008CBKV PHILIPS-NX3008CBKV Datasheet
1Mb / 21P
30 / 30 V 400 / 220 mA N/P-channel Trench MOSFET
Rev. 1-29 July 2011
More results


Similar Description - NX3008CBKV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008NBKV NXP-NX3008NBKV Datasheet
874Kb / 17P
30 V, 400 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008NBKV PHILIPS-NX3008NBKV_15 Datasheet
874Kb / 17P
30 V, 400 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008CBKS PHILIPS-NX3008CBKS_15 Datasheet
1Mb / 21P
30 / 30 V, 350 / 200 mA N/P-channel Trench MOSFET
Rev. 1-29 July 2011
NX3008NBK PHILIPS-NX3008NBK_15 Datasheet
883Kb / 16P
30 V, 400 mA N-channel Trench MOSFET
Rev. 1-2 August 2011
NX3008PBKV PHILIPS-NX3008PBKV_15 Datasheet
877Kb / 17P
30 V, 220 mA dual P-channel Trench MOSFET
Rev. 1-29 July 2011
NX3008CBKV PHILIPS-NX3008CBKV Datasheet
1Mb / 21P
30 / 30 V 400 / 220 mA N/P-channel Trench MOSFET
Rev. 1-29 July 2011
logo
Nexperia B.V. All right...
NX3008CBKS NEXPERIA-NX3008CBKS Datasheet
2Mb / 21P
30 / 30 V, 350 / 200 mA N/P-channel Trench MOSFET
NX3008NBK NEXPERIA-NX3008NBK Datasheet
1Mb / 16P
30 V, 400 mA N-channel Trench MOSFET
NX3008PBKV NEXPERIA-NX3008PBKV Datasheet
1Mb / 17P
30 V, 220 mA dual P-channel Trench MOSFET
NX3008NBKV NEXPERIA-NX3008NBKV Datasheet
252Kb / 14P
30 V, 400 mA dual N-channel Trench MOSFET
28 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com