Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3008NBKMB Datasheet (PDF) - Nexperia B.V. All rights reserved

NX3008NBKMB Datasheet PDF - Nexperia B.V. All rights reserved
Part # NX3008NBKMB
Download  NX3008NBKMB Download
File Size   259.43 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, single N-channel Trench MOSFET

NX3008NBKMB Datasheet (PDF)

Go To PDF Page Download Datasheet
NX3008NBKMB Datasheet PDF - Nexperia B.V. All rights reserved

Part # NX3008NBKMB
Download  NX3008NBKMB Click to download

File Size   259.43 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, single N-channel Trench MOSFET

NX3008NBKMB Datasheet (HTML) - Nexperia B.V. All rights reserved


NX3008NBKMB Product details

1. General description
N-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small DFN1006B-3
(SOT883B) Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.
2. Features and benefits
• Very fast switching
• Low threshold voltage
• Trench MOSFET technology
• ESD protection up to 2 kV
• Ultra thin package profile with 0.37 mm height
3. Applications
• Relay driver
• High-speed line driver
• Low-side load switch
• Switching circuits




Similar Part No. - NX3008NBKMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008NBKMB NXP-NX3008NBKMB Datasheet
1Mb / 15P
30 V, single N-channel Trench MOSFET
Rev. 1-11 May 2012
NX3008NBKMB PHILIPS-NX3008NBKMB Datasheet
1Mb / 15P
30 V, single N-channel Trench MOSFET
Rev. 1-11 May 2012
logo
TECH PUBLIC Electronics...
NX3008NBKMB TECHPUBLIC-NX3008NBKMB Datasheet
1Mb / 5P
N-Channel Enhancement Mode MOSFET
logo
NXP Semiconductors
NX3008NBKMB PHILIPS-NX3008NBKMB_15 Datasheet
1Mb / 15P
30 V, single N-channel Trench MOSFET
Rev. 1-11 May 2012
More results


Similar Description - NX3008NBKMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMN22XN NXP-PMN22XN Datasheet
856Kb / 14P
30 V, single N-channel Trench MOSFET
Rev. 1-19 January 2012
NX3008NBKMB PHILIPS-NX3008NBKMB_15 Datasheet
1Mb / 15P
30 V, single N-channel Trench MOSFET
Rev. 1-11 May 2012
logo
ZP Semiconductor
PMV90EN ZPSEMI-PMV90EN Datasheet
472Kb / 3P
30 V, single N-channel Trench MOSFET
PMV185XN ZPSEMI-PMV185XN Datasheet
375Kb / 4P
30 V, single N-channel Trench MOSFET
logo
Nexperia B.V. All right...
NX3020NAK NEXPERIA-NX3020NAK Datasheet
719Kb / 15P
30 V, single N-channel Trench MOSFET
PMPB33XN NEXPERIA-PMPB33XN Datasheet
736Kb / 14P
30 V single N-channel Trench MOSFET
PMV90EN NEXPERIA-PMV90EN Datasheet
1Mb / 16P
30 V, single N-channel Trench MOSFET
PMZB380XN NEXPERIA-PMZB380XN Datasheet
327Kb / 14P
30 V, single N-channel Trench MOSFET
logo
First Silicon Co., Ltd
FTK235NSOT883 FS-FTK235NSOT883 Datasheet
600Kb / 5P
30 V, single N-channel Trench MOSFET
logo
Nexperia B.V. All right...
PMF87EN NEXPERIA-PMF87EN Datasheet
320Kb / 15P
30 V, single N-channel Trench MOSFET
1 August 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com