Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2505 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TAS2505 Datasheet PDF - Texas Instruments
Part # TAS2505
Download  TAS2505 Download
File Size   2568.55 Kbytes
Page   42 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TAS2505-Q1 2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing

TAS2505 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS2505 Datasheet PDF - Texas Instruments

Part # TAS2505
Download  TAS2505 Click to download

File Size   2568.55 Kbytes
Page   42 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TAS2505-Q1 2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing

TAS2505 Datasheet (HTML) - Texas Instruments


TAS2505 Product details

1 Features
• AEC-Q100 Qualified with the following results for
automotive applications:
– Device temperature grade 2: –40°C to 105°C
ambient operating temperature range
– Device HBM ESD classification level H2
– Device CDM ESD classification level C4B
• Mono class-D BTL speaker amplifier
– 2.6 W at 10% THD_N (4 Ω, 5.5 V)
– 1.7 W at 10% THD+N (8 Ω, 5.5 V)
• Supports both digital and analog input
• Single supply 2.7 V to 5.5 V
• Load diagnostic functions:
– Output-to-GND Short
– Terminal-to-terminal short
– Output-to-power short
– Over temperature
• Supports 9-kHz to 96-kHz sample rates
• Two single-ended inputs with output mixing and
level control
• Embedded power-on-reset
• Programmable digital audio processing:
– Bass boost
– Treble
– EQ (up to 6 biquads)
• I2S, Left-justified, right-justified, DSP, and TDM
audio interfaces
• I2C and SPI Control With Auto-Increment
• 24-Pin, VQFN wettable flank (automotive grade)
package

2 Applications
• Instrument Cluster
• Automotive Emergency Call (eCall)
• Telematics

3 Description
The TAS2505-Q1 is a mono Class-D speaker amp
that supports both Digital and Analog inputs. The
device is designed for automotive instrument cluster,
emergency call (eCall), and telematics applications.
Direct I2S input removes the need for an external
DAC in the audio signal path, and the integrated
LDO enables single supply operation. In addition to
integration, the device features programmable audio
processing. The onboard DSP supports bass boost,
treble, and EQ (up to 6 biquads). An on-chip PLL
provides the high-speed clock needed by the DSP.
The volume level is register controlled.




Similar Part No. - TAS2505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2505 TI-TAS2505 Datasheet
463Kb / 30P
Digital Input Mono Speaker Amp
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
TAS2505 TI1-TAS2505 Datasheet
663Kb / 35P
2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
TAS2505 TI2-TAS2505 Datasheet
2Mb / 36P
TAS2505 2.6W Digital/Analog Input Class-D Speaker Amplifier With Audio Processing
REVISED JANUARY 2025
TAS2505-Q1 TI1-TAS2505-Q1 Datasheet
663Kb / 35P
2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
More results


Similar Description - TAS2505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
logo
Maxim Integrated Produc...
MAX98371 MAXIM-MAX98371 Datasheet
2Mb / 80P
Digital Input Class D Speaker Amplifier
Rev 0; 3/15
logo
Texas Instruments
TAS2505-Q1 TI1-TAS2505-Q1 Datasheet
663Kb / 35P
2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
TAS2770 TI1-TAS2770 Datasheet
1Mb / 85P
15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS5760M-Q1 TI1-TAS5760M-Q1 Datasheet
1Mb / 77P
2x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
813Kb / 48P
1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX98374 MAXIM-MAX98374 Datasheet
3Mb / 129P
Digital Input Class D Speaker Amplifier with DHT
Rev 0; 3/18
logo
Texas Instruments
TAS5720A-Q1 TI1-TAS5720A-Q1_18 Datasheet
1Mb / 46P
1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TPA6211T-Q1 TI1-TPA6211T-Q1 Datasheet
2Mb / 36P
TPA6211T-Q1 Automotive, 3.1 W Mono, Analog Input, Class AB Audio Amplifier
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com