Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1412178 Datasheet (PDF) - PHOENIX CONTACT

1412178 Datasheet PDF - PHOENIX CONTACT
Part # 1412178
Download  1412178 Download
File Size   1280.88 Kbytes
Page   44 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-MSD SCO RAIL/.../... - Network cable

1412178 Datasheet (PDF)

Go To PDF Page Download Datasheet
1412178 Datasheet PDF - PHOENIX CONTACT

Part # 1412178
Download  1412178 Click to download

File Size   1280.88 Kbytes
Page   44 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-MSD SCO RAIL/.../... - Network cable

1412178 Datasheet (HTML) - PHOENIX CONTACT


1412178 Product details

Network cable, PROFINET CAT5 (100 Mbps), Ethernet CAT5 (100 Mbps), 4-position, Variable
cable type, shielded, Plug straight M12, coding: D SPEEDCON / IP65, on free cable end, cable
length: Free input (0.2 ... 40.0 m), For railway applications

Your advantages
• Easy and safe: 100% electrically tested plug-in components
• Securely locked by special vibration brake
• Resistant to temperature influences – tested for an extended temperature range and for resistance to temperature shocks
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1412178

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1412171 PHOENIX-1412171 Datasheet
781Kb / 27P
SAC-4P-MS-FS SCO RAIL/.../... - Sensor/actuator cable
1412172 PHOENIX-1412172 Datasheet
2Mb / 37P
SAC-5P-FS SCO RAIL/.../... - Sensor/actuator cable
1412173 PHOENIX-1412173 Datasheet
2Mb / 37P
SAC-5P-FR SCO RAIL/.../... - Sensor/actuator cable
1412175 PHOENIX-1412175 Datasheet
1Mb / 37P
SAC-5P-MR SCO RAIL/.../... - Sensor/actuator cable
1412176 PHOENIX-1412176 Datasheet
1Mb / 24P
SAC-5P-MS-FS SCO RAIL/.../... - Sensor/actuator cable
More results


Similar Description - 1412178

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407340 PHOENIX-1407340 Datasheet
291Kb / 25P
Network cable - NBC-MSD/ 5,0-937 SCO RAIL
09/11/2020
1407341 PHOENIX-1407341 Datasheet
290Kb / 25P
Network cable - NBC-MSD/10,0-937 SCO RAIL
09/11/2020
1408634 PHOENIX-1408634 Datasheet
693Kb / 24P
NBC-MSD-MSD SCO-PN/.../... - Network cable
1408706 PHOENIX-1408706 Datasheet
532Kb / 17P
NBC-MSD-MSD SCO/.../... - Network cable
1408713 PHOENIX-1408713 Datasheet
949Kb / 28P
NBC-MSD SCO/.../... - Network cable
1407339 PHOENIX-1407339 Datasheet
1Mb / 39P
NBC-MSD/ 2,0-937 SCO RAIL - Network cable
1407342 PHOENIX-1407342 Datasheet
721Kb / 25P
NBC-MSD/ 2,0-937/MSD SCO RAIL - Network cable
1408710 PHOENIX-1408710 Datasheet
622Kb / 16P
NBC-MSD-R4MC SCO/.../... - Network cable
1407343 PHOENIX-1407343 Datasheet
721Kb / 25P
NBC-MSD/ 5,0-937/MSD SCO RAIL - Network cable
1412177 PHOENIX-1412177 Datasheet
758Kb / 28P
NBC-MSD-MSD SCO RAIL/.../... - Network cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com