Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD3V3S5UD-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD3V3S5UD-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD3V3S5UD-Q
Download  PESD3V3S5UD-Q Download
File Size   239.76 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Fivefold ESD protection diode array

PESD3V3S5UD-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD3V3S5UD-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD3V3S5UD-Q
Download  PESD3V3S5UD-Q Click to download

File Size   239.76 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Fivefold ESD protection diode array

PESD3V3S5UD-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD3V3S5UD-Q Product details

1. General description
Fivefold ElectroStatic Discharge (ESD) protection diode array in a SOT457 (SC-74) small Surface-
Mounted Device (SMD) plastic package, designed to protect up to five signal lines from the
damage caused by ESD and other transients.
2. Features and benefits
• ESD protection of up to five lines
• Max peak pulse power: PPPM = 200 W
• Ultra low leakage current: IRM = 300 nA
• Low clamping voltage: VCL = 12 V at IPPM = 20 A
• ESD protection up to 30 kV
• IEC 61000-4-2; level 4 (ESD)
• IEC 61000-4-5 (surge); IPPM = 20 A
• Qualified according to AEC-Q101 and recommended for use in automotive applications
3. Applications
• Computers and peripherals
• Audio and video equipment
• Cellular handsets and accessories
• Communication systems
• Portable electronics
• SIM card protection




Similar Part No. - PESD3V3S5UD-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3S5UD NXP-PESD3V3S5UD Datasheet
115Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Nexperia B.V. All right...
PESD3V3S5UD NEXPERIA-PESD3V3S5UD Datasheet
664Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02 - 7 December 2006
More results


Similar Description - PESD3V3S5UD-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0F5UF PHILIPS-PESD5V0F5UF_15 Datasheet
221Kb / 13P
Femtofarad unidirectional fivefold ESD protection array
Rev. 1-17 July 2012
PESD5V0F5UV PHILIPS-PESD5V0F5UV_15 Datasheet
185Kb / 13P
Femtofarad unidirectional fivefold ESD protection array
Rev. 1-17 July 2012
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Nexperia B.V. All right...
PESD5V0F5UV NEXPERIA-PESD5V0F5UV Datasheet
322Kb / 14P
Femtofarad unidirectional fivefold ESD protection array
PESD5V0F5UF NEXPERIA-PESD5V0F5UF Datasheet
359Kb / 14P
Femtofarad unidirectional fivefold ESD protection array
PESDXS5UD_SER NEXPERIA-PESDXS5UD_SER Datasheet
664Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02 - 7 December 2006
PESD5V0S5UD-Q NEXPERIA-PESD5V0S5UD-Q Datasheet
250Kb / 12P
Fivefold ESD protection diode array
3 July 2023
PESD12VS5UD-Q NEXPERIA-PESD12VS5UD-Q Datasheet
238Kb / 12P
Fivefold ESD protection diode array
15 May 2023
PESD15VS5UD-Q NEXPERIA-PESD15VS5UD-Q Datasheet
238Kb / 12P
Fivefold ESD protection diode array
15 May 2023
PESD24VS5UD-Q NEXPERIA-PESD24VS5UD-Q Datasheet
242Kb / 12P
Fivefold ESD protection diode array
3 July 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com