Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD3V3X4UHM Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD3V3X4UHM Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD3V3X4UHM
Download  PESD3V3X4UHM Download
File Size   267.58 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-fold ESD protection array for SD-card protection

PESD3V3X4UHM Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD3V3X4UHM Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD3V3X4UHM
Download  PESD3V3X4UHM Click to download

File Size   267.58 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-fold ESD protection array for SD-card protection

PESD3V3X4UHM Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD3V3X4UHM Product details

1. General description
4-fold unidirectional ElectroStatic Discharge (ESD) protection array designed to protect up to four
lines from the damage caused by ESD and other transients.
The device is housed in a leadless extremely thin small DFN1308-6 (SOT8006B) Surface-Mounted
Device (SMD) plastic package.
2. Features and benefits
• Unidirectional ESD protection of up to 4 lines
• Very high surge robustness; IPP = 14.2 A (average measured) for 8/20 μs pulse
• Very low clamping voltage: VCL = 3.7 V typ. for 11 A 8/20 μs pulse
• ESD protection up to 25 kV
• Very low dynamic resistance Rdyn = 0.15 Ω (TLP)
3. Applications
ESD protection for SD-card in portable communication, consumer devices and computing devices.




Similar Part No. - PESD3V3X4UHM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD3V3X4UHC NEXPERIA-PESD3V3X4UHC Datasheet
268Kb / 11P
4-fold ESD protection array for high-speed interfaces
13 June 2019
More results


Similar Description - PESD3V3X4UHM

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0504 SYNC-POWER-SPE0504 Datasheet
221Kb / 7P
4-Line ESD Protection Array
SPE0514 SYNC-POWER-SPE0514 Datasheet
222Kb / 7P
4-Line ESD Protection Array
SPE0534 SYNC-POWER-SPE0534 Datasheet
224Kb / 7P
4-Line ESD Protection Array
SPE0504 SYNC-POWER-SPE0504_10 Datasheet
190Kb / 7P
4-Line ESD Protection Array
SPE0514 SYNC-POWER-SPE0514_10 Datasheet
193Kb / 7P
4-Line ESD Protection Array
SPE0534 SYNC-POWER-SPE0534_09 Datasheet
197Kb / 7P
4-Line ESD Protection Array
logo
Yea Shin Technology Co....
YSDAXX04T6 YEASHIN-YSDAXX04T6 Datasheet
223Kb / 3P
4 Line ESD Protection Array
logo
FutureWafer Tech Co.,Lt...
FE3V3C4S1 FUTUREWAFER-FE3V3C4S1 Datasheet
511Kb / 1P
Chip low capacitance 4 - fold ESD protection diode
logo
Nexperia B.V. All right...
PESD3V3L4BHC NEXPERIA-PESD3V3L4BHC Datasheet
289Kb / 11P
4-fold bidirectional ESD protection array
7 June 2019
PESD3V3X4UHC NEXPERIA-PESD3V3X4UHC Datasheet
268Kb / 11P
4-fold ESD protection array for high-speed interfaces
13 June 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com