Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB50760BSF Datasheet (PDF) - ON Semiconductor

FSB50760BSF Datasheet PDF - ON Semiconductor
Part # FSB50760BSF
Download  FSB50760BSF Download
File Size   549.51 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 600 V RDS(ON) = 830 m (Max) SuperFET MOSFET 3−Phase Inverter with Gate Drivers and Protection

FSB50760BSF Datasheet (PDF)

Go To PDF Page Download Datasheet
FSB50760BSF Datasheet PDF - ON Semiconductor

Part # FSB50760BSF
Download  FSB50760BSF Click to download

File Size   549.51 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 600 V RDS(ON) = 830 m (Max) SuperFET MOSFET 3−Phase Inverter with Gate Drivers and Protection

FSB50760BSF Datasheet (HTML) - ON Semiconductor


FSB50760BSF Product details

General Description
The FSB50760BSF / FSB50760BSFS is an advanced Motion
SPM 5 module providing a fully−featured, high−performance inverter
output stage for AC Induction, BLDC and PMSM motors such as
refrigerators, fans and pumps. These modules integrate optimized gate
drive of the built−in MOSFETs (SuperFET technology) to minimize
EMI and losses, while also providing multiple on−module protection
features including under−voltage lockouts and thermal monitoring.
The built−in high−speed HVIC requires only a single supply voltage
and translates the incoming logic−level gate inputs to the
high−voltage, high−current drive signals required to properly drive the
module’s internal MOSFETs. Separate open−source MOSFET
terminals are available for each phase to support the widest variety of
control algorithms.

Features
• UL Certified No. E209204 (UL1557)
• 600 V RDS(ON) = 830 m (Max) SuperFET MOSFET 3−Phase
Inverter with Gate Drivers and Protection
• Built−In Bootstrap Diodes Simplify PCB Layout
• Separate Open−Source Pins from Low−Side MOSFETs for
Three−Phase Current−Sensing
• Active−HIGH Interface, Works with 3.3 / 5 V Logic, Schmitt−trigger
Input
• Optimized for Low Electromagnetic Interference
• HVIC Temperature−Sensing Built−In for Temperature Monitoring
• HVIC for Gate Driving and Under−Voltage Protection
• Isolation Rating: 1500 Vrms / min.
• Moisture Senstive Level (MSL) 3
• These Devices are Pb−Free and are RoHS Compliant

Applications
• 3−Phase Inverter Driver for Small Power AC Motor Drives




Similar Part No. - FSB50760BSF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50760SF FAIRCHILD-FSB50760SF Datasheet
866Kb / 11P
Motion SPMR 5 SuperFETR Series
FSB50760SF FAIRCHILD-FSB50760SF Datasheet
4Mb / 28P
Motion SPM 5 Series Version 2 User?셲 Guide
logo
ON Semiconductor
FSB50760SF ONSEMI-FSB50760SF Datasheet
762Kb / 13P
Motion SPM 5 SuperFET Series
April 2014 Rev. C6
logo
Fairchild Semiconductor
FSB50760SFS FAIRCHILD-FSB50760SFS Datasheet
745Kb / 10P
Motion SPMR 5 SuperFETR Series
logo
ON Semiconductor
FSB50760SFS ONSEMI-FSB50760SFS Datasheet
734Kb / 12P
Motion SPM 5 SuperFET Series
Aug 2015 Rev. 1.1
More results


Similar Description - FSB50760BSF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM505-065 IRF-IRSM505-065_15 Datasheet
820Kb / 15P
500V 3-phase inverter including high voltage gate drivers
IRSM505-084 IRF-IRSM505-084_15 Datasheet
829Kb / 15P
250V 3-phase inverter including high voltage gate drivers
logo
Infineon Technologies A...
IM231-L6S1B INFINEON-IM231-L6S1B Datasheet
1Mb / 24P
600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM231-M6S1B INFINEON-IM231-M6S1B Datasheet
1Mb / 24P
600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM240 INFINEON-IM240 Datasheet
833Kb / 27P
600V three-phase inverter including gate drivers
Revision 2.2 2020-07-08
logo
ON Semiconductor
NVB055N60S5F ONSEMI-NVB055N60S5F Datasheet
258Kb / 7P
MOSFET - N-Channel SuperFET V, FRFET 600 V, 55 m, 45 A
April, 2022-Rev. 0
FCPF190N60-F154 ONSEMI-FCPF190N60-F154 Datasheet
160Kb / 9P
MOSFET – N-Channel, SUPERFET II 600 V, 20.2 A, 199 m
August, 2021 - Rev. 1
FCPF380N60-F154 ONSEMI-FCPF380N60-F154 Datasheet
253Kb / 10P
MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
FCPF380N60E-F154 ONSEMI-FCPF380N60E-F154 Datasheet
263Kb / 10P
MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
FCPF600N60ZL1-F154 ONSEMI-FCPF600N60ZL1-F154 Datasheet
294Kb / 10P
MOSFET – N-Channel, SUPERFET II 600 V, 7.4 A, 600 m
December, 2020 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com