Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI838X Datasheet (PDF) - Skyworks Solutions Inc.

SI838X Datasheet PDF - Skyworks Solutions Inc.
Part # SI838X
Download  SI838X Download
File Size   1018.65 Kbytes
Page   32 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules

SI838X Datasheet (PDF)

Go To PDF Page Download Datasheet
SI838X Datasheet PDF - Skyworks Solutions Inc.

Part # SI838X
Download  SI838X Click to download

File Size   1018.65 Kbytes
Page   32 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules

SI838X Datasheet (HTML) - Skyworks Solutions Inc.


SI838X Product details

KEY FEATURES
• Bipolar digital interface with 24 V sinking or
sourcing inputs
• Eight total inputs in one package
• High data rates of up to 2 Mbps
• Safety rated integrated isolation of 2.5
kVRMS
• Low input current of 1 mA typ
• No VDD required on field side
• High electromagnetic immunity
• Selectable debounce filter times of up to
100 ms
• Configurable debounce filter modes
available with SPI interface option
• Transient immunity up to 300 kV/μs
• Flow-through output configuration with
eight outputs
• Option for SPI interface with daisy-chain
capability
• Wide 2.25 to 5.5 V VDD operation
• Wide operating temperature range
• –40 to +125 °C
• Compliant to IEC 61131-2
• Type 1, 2, 3
• RoHS-compliant packages
• QSOP-20




Similar Part No. - SI838X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI838X SILABS-SI838X Datasheet
597Kb / 30P
Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules
More results


Similar Description - SI838X

ManufacturerPart #DatasheetDescription
logo
Analog Devices
6B50-1 AD-6B50-1 Datasheet
488Kb / 8P
Isolated, Field Configurable Digital I/O
logo
Crydom Inc.,
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
I/O Modules
logo
List of Unclassifed Man...
USB-7230 ETC2-USB-7230 Datasheet
242Kb / 2P
Isolated USB Digital I/O Modules
logo
Analog Devices
6B50-2 AD-6B50-2_15 Datasheet
489Kb / 8P
Isolated, Field Configurable Digital I/O
REV. 0
6B50-1 AD-6B50-1_15 Datasheet
489Kb / 8P
Isolated, Field Configurable Digital I/O
REV. 0
logo
Silicon Laboratories
SI838X SILABS-SI838X Datasheet
597Kb / 30P
Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules
logo
Maxim Integrated Produc...
MAX22000EVKIT MAXIM-MAX22000EVKIT Datasheet
2Mb / 30P
Includes MAX14914A Industrial Digital I/O
Rev 0; 5/20
logo
Lumberg
0980ESL710 LUMBERG-0980ESL710 Datasheet
1Mb / 2P
LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com