Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8620EB-AS Datasheet (PDF) - Skyworks Solutions Inc.

SI8620EB-AS Datasheet PDF - Skyworks Solutions Inc.
Part # SI8620EB-AS
Download  SI8620EB-AS Download
File Size   1044.12 Kbytes
Page   43 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Low-Power Single and Dual-Channel Digital Isolators

SI8620EB-AS Datasheet (PDF)

Go To PDF Page Download Datasheet
SI8620EB-AS Datasheet PDF - Skyworks Solutions Inc.

Part # SI8620EB-AS
Download  SI8620EB-AS Click to download

File Size   1044.12 Kbytes
Page   43 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Low-Power Single and Dual-Channel Digital Isolators

SI8620EB-AS Datasheet (HTML) - Skyworks Solutions Inc.


SI8620EB-AS Product details

KEY FEATURES
• High-speed operation
• DC to 150 Mbps
• No start-up initialization required
• Wide Operating Supply Voltage
• 2.5–5.5 V
• Up to 5000 VRMS isolation
• Reinforced VDE 0884-10, 10 kV surgecapable
(Si862xxT)
• 60-year life at rated working voltage
• High electromagnetic immunity
• Ultra low power (typical)
5 V Operation
• 1.6 mA per channel at 1 Mbps
• 5.5 mA per channel at 100 Mbps
2.5 V Operation
• 1.5 mA per channel at 1 Mbps
• 3.5 mA per channel at 100 Mbps
• Schmitt trigger inputs
• Selectable fail-safe mode
• Default high or low output (ordering
option)
• Precise timing (typical)
• 10 ns propagation delay
• 1.5 ns pulse width distortion
• 0.5 ns channel-channel skew
• 2 ns propagation delay skew
• 5 ns minimum pulse width
• Transient Immunity 50 kV/μs
• AEC-Q100 qualification
• Wide temperature range
• –40 to 125 °C
• RoHS-compliant packages
• WB SOIC-16
• SOIC-8
• DFN-8 compact package
• Automotive-grade OPNs available
• AIAG compliant PPAP documentation
support
• IMDS and CAMDS listing support




Similar Part No. - SI8620EB-AS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8620EB-B-IS SILABS-SI8620EB-B-IS Datasheet
766Kb / 38P
Low-Power Single and Dual-Channel Digital Isolators
Si8620EB-B-IS SILABS-Si8620EB-B-IS Datasheet
766Kb / 38P
Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8620EB-B-IS SKYWORKS-SI8620EB-B-IS Datasheet
740Kb / 30P
Si861x/2x Low-Power, Single- and Dual-Channel Digital Isolators
September 28, 2023
More results


Similar Description - SI8620EB-AS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8610 SILABS-SI8610 Datasheet
445Kb / 36P
LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI8420BB-D-IS SILABS-SI8420BB-D-IS Datasheet
335Kb / 30P
LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
Low-Power Dual Channel Digital Isolators
logo
List of Unclassifed Man...
SI8420AB ETC2-SI8420AB Datasheet
340Kb / 30P
LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI8421AD ETC2-SI8421AD Datasheet
421Kb / 37P
LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI8422AB-B-IS SILABS-SI8422AB-B-IS Datasheet
421Kb / 37P
LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI8610BB-B-IS SILABS-SI8610BB-B-IS Datasheet
766Kb / 38P
Low-Power Single and Dual-Channel Digital Isolators
SI861X SILABS-SI861X Datasheet
766Kb / 38P
Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com