Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2170347 Datasheet (PDF) - Lapp.

2170347 Datasheet PDF - Lapp.
Part # 2170347
Download  2170347 Download
File Size   238.68 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC® BUS DN THIN FD Y 1x2x24 /19 AWG 1x2x22/19 AWG

2170347 Datasheet (PDF)

Go To PDF Page Download Datasheet
2170347 Datasheet PDF - Lapp.

Part # 2170347
Download  2170347 Click to download

File Size   238.68 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description UNITRONIC® BUS DN THIN FD Y 1x2x24 /19 AWG 1x2x22/19 AWG

2170347 Datasheet (HTML) - Lapp.


2170347 Product details

Application

UNITRONIC® BUS DeiceNet is a field bus cable based on proven CAN (Control Area
Network) technology with lengthrelated transmission rates (125/250 and 500) ktt/s. Up to
64 participants can commuricate i the network with one another.

These cable includes two wires for data transmission and also two wires for the powersupply
(24V DC). The product

with a nominal impedance of 120 Qs resistance to a ot of als, has a moderate UV-resistant
and is suitable for highly flexble applications. DeviceNet comnects. fmit switches,
photoelectric switches, valve isiands, motor tartrs, rives, PLCs,etc

Data ransfer rate: 125 kBit/5 =500 m, 250 kBt/5 =250 m, 500 kBit/s =100 m




Similar Part No. - 2170347

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170340 LAPP-2170340 Datasheet
207Kb / 2P
UNITRONIC™ BUS DN THICK FRNC 1x2xAWG 18 1x2xAWG15
01.02.2019
2170343 LAPP-2170343 Datasheet
74Kb / 2P
UNITRONIC® BUS DN THIN Y 1x2xAWG24 1x2xAWG22
29.04.2016
2170345 LAPP-2170345 Datasheet
75Kb / 2P
UNITRONIC® BUS DN THIN FD P 1x2xAWG24 1x2xAWG22
23.08.2016
More results


Similar Description - 2170347

ManufacturerPart #DatasheetDescription
logo
Lapp.
0028650 LAPP-0028650 Datasheet
90Kb / 2P
UNITRONIC® FD P plus A
2021-12-17
2170222 LAPP-2170222 Datasheet
184Kb / 2P
UNITRONIC® BUS PB FD P 1x2x0,64
01.01.2019
2170357 LAPP-2170357 Datasheet
162Kb / 1P
UNITRONIC® BUS ASI FD P FRNC
01.01.2019
2170370 LAPP-2170370 Datasheet
109Kb / 2P
UNITRONIC® BUS CC FD P FRNC 3x1xAWG20
2170433 LAPP-2170433 Datasheet
393Kb / 2P
ETHERLINE P EC FD Cat. 5e 1x4x26/19 AWG
2023-08-11
11139600 LAPP-11139600 Datasheet
86Kb / 2P
UNITRONIC® FD CP plus A
2021-12-17
2170489 LAPP-2170489 Datasheet
431Kb / 2P
ETHERLINE FD P Cat. 5e 4x2x26/19 AWG
2023-07-31
2170495 LAPP-2170495 Datasheet
108Kb / 2P
UNITRONIC® BUS PB FD P HYBRID 1X2X0,644X1,5
02.10.2018
2170818 LAPP-2170818 Datasheet
187Kb / 2P
UNITRONIC® BUS IBS FD P COMBI A
01.01.2019
2170822 LAPP-2170822 Datasheet
178Kb / 2P
UNITRONIC BUS PB FD P A
01.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com