Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2183 Datasheet (PDF) - International Rectifier

IRS2183 Datasheet PDF - International Rectifier
Part # IRS2183
Download  IRS2183 Download
File Size   1070.43 Kbytes
Page   23 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGH AND LOW SIDE DRIVER

IRS2183 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS2183 Datasheet PDF - International Rectifier

Part # IRS2183
Download  IRS2183 Click to download

File Size   1070.43 Kbytes
Page   23 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGH AND LOW SIDE DRIVER

IRS2183 Datasheet (HTML) - International Rectifier


IRS2183 Product details

Description

The IRS2181/IRS21814  are high voltage, high speed power MOSFET and IGBT drivers with independent high-side and low-side referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. The logic input is compatible with standard CMOS or LSTTL output, down to 3.3 V logi c.  The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. Thefloating channel can be used to drive an N-channel power MOSFET or IGBT in the high-side configuration which operates up to 600 V.



Features

· Fl oati ng  channel   desi gned  for  bootstrap  operati on

· Fully  operational  to  +600V

· Tolerant  to  negative  transient  voltage,  dV/dt immune

· Gate drive  supply range  from 10  V to  20V

· Undervoltage  lockout  for  both  channels

· 3.3  V  and  5  V  input  logic  compatible

· Matched  propagation  delay for  both  channels

· L ogic  and  power  ground  +/-  5  V  offset

· L ower  di/dt  gate  driver  for  better  noise  immunity

· Output  source/sink  current  capability  1.4  A/1.8A

· RoHS  compliant



 




Similar Part No. - IRS2183

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2183 IRF-IRS2183 Datasheet
486Kb / 24P
HALF-BRIDGE DRIVER
IRS2183 IRF-IRS2183 Datasheet
1Mb / 24P
HALF-BRIDGE DRIVER
IRS2183 IRF-IRS2183 Datasheet
888Kb / 21P
HIGH- AND LOW-SIDE DRIVER
logo
Infineon Technologies A...
IRS2183 INFINEON-IRS2183 Datasheet
536Kb / 24P
HALF-BRIDGE DRIVER
Data Sheet No. PD60265
logo
International Rectifier
IRS21834 IRF-IRS21834 Datasheet
486Kb / 24P
HALF-BRIDGE DRIVER
More results


Similar Description - IRS2183

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com