Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKN04N60RC2 Datasheet (PDF) - Infineon Technologies AG

IKN04N60RC2 Datasheet PDF - Infineon Technologies AG
Part # IKN04N60RC2
Download  IKN04N60RC2 Download
File Size   1259.11 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 600 V Reverse Conducting Drive 2 offering cost effective IGBT with monolithically integrated diode

IKN04N60RC2 Datasheet (PDF)

Go To PDF Page Download Datasheet
IKN04N60RC2 Datasheet PDF - Infineon Technologies AG

Part # IKN04N60RC2
Download  IKN04N60RC2 Click to download

File Size   1259.11 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 600 V Reverse Conducting Drive 2 offering cost effective IGBT with monolithically integrated diode

IKN04N60RC2 Datasheet (HTML) - Infineon Technologies AG


IKN04N60RC2 Product details

Features
• VCE = 600 V
• IC = 4 A
• Very tight parameter distribution
• Operating range of 1 to 20 kHz
• Maximum junction temperature 150°C
• Short circuit capability of 3 μs
• Humidity robust design
• Pb-free lead plating; RoHS compliant
• Complete product spectrum and PSpice Models: http://www.infineon.com/rc-d2

Potential applications
Ceiling fan
Countertop appliances - mixing
Kitchen hood
Refrigerators
Residential aircon indoor unit
Washing machines
General purpose drives (GPD)




Similar Part No. - IKN04N60RC2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKN01N60RC2 INFINEON-IKN01N60RC2 Datasheet
1Mb / 17P
600 V Reverse Conducting Drive 2 offering cost effective IGBT with monolithically integrated diode
Revision 1.10 2022-09-21
IKN03N60RC2 INFINEON-IKN03N60RC2 Datasheet
1Mb / 17P
600 V Reverse Conducting Drive 2 offering cost effective IGBT with monolithically integrated diode
Revision 1.10 2022-09-21
IKN06N60RC2 INFINEON-IKN06N60RC2 Datasheet
1Mb / 17P
600 V Reverse Conducting Drive 2 offering cost effective IGBT with monolithically integrated diode
Revision 1.01
More results


Similar Description - IKN04N60RC2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW15N120R INFINEON-IHW15N120R Datasheet
370Kb / 12P
Reverse Conducting IGBT with monolithic body diode
Rev. 2.1 July 06
IKW40N65WR5 INFINEON-IKW40N65WR5_15 Datasheet
1Mb / 15P
Reverse conducting IGBT with monolithic body diode
Rev.1.2,2015-03-27
IHW20N120R5 INFINEON-IHW20N120R5 Datasheet
1Mb / 15P
Reverse Conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
logo
ON Semiconductor
NGTB40N65IHRWG ONSEMI-NGTB40N65IHRWG Datasheet
132Kb / 8P
IGBT with Monolithic Reverse Conducting Diode
June, 2016 ??Rev. 0
logo
Infineon Technologies A...
IHW40N120R5 INFINEON-IHW40N120R5 Datasheet
1Mb / 15P
Reverse Conducting IGBT with monolithic body diode
V2.3 2019-09-20
IKD04N60RC2 INFINEON-IKD04N60RC2 Datasheet
1Mb / 16P
Cost effective monolithically integrated IGBT with Diode
V2.1 2020-09-28
IKD06N60RC2 INFINEON-IKD06N60RC2 Datasheet
1Mb / 16P
Cost effective monolithically integrated IGBT with Diode
V2.1 2020-09-28
IKD15N60RC2 INFINEON-IKD15N60RC2 Datasheet
1Mb / 16P
Cost effective monolithically integrated IGBT with Diode
V2.1 2020-09-28
IKN06N60RC2 INFINEON-IKN06N60RC2 Datasheet
1Mb / 17P
600 V Reverse Conducting Drive 2 offering cost effective IGBT with monolithically integrated diode
Revision 1.01
logo
ON Semiconductor
NGTB40N65IHRTG ONSEMI-NGTB40N65IHRTG Datasheet
228Kb / 9P
IGBT with Monolithic Reverse Conducting Diode
May, 2017 - Rev. 1
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com