Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8498 Datasheet (PDF) - Allegro MicroSystems

A8498 Datasheet PDF - Allegro MicroSystems
Part # A8498
Download  A8498 Download
File Size   332.5 Kbytes
Page   9 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Wide Input Voltage 3.0 A Step Down Regulator

A8498 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8498 Datasheet PDF - Allegro MicroSystems

Part # A8498
Download  A8498 Click to download

File Size   332.5 Kbytes
Page   9 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Wide Input Voltage 3.0 A Step Down Regulator

A8498 Datasheet (HTML) - Allegro MicroSystems


A8498 Product details

Features and Benefits
▪ 8 to 50 V input range
▪ Integrated DMOS switch
▪ Adjustable fixed off-time
▪ Highly efficient
▪ Adjustable 0.8 to 24 V output




Similar Part No. - A8498

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8499 ALLEGRO-A8499 Datasheet
307Kb / 7P
High Voltage Step-Down Regulator
A8499SLJ-T ALLEGRO-A8499SLJ-T Datasheet
307Kb / 7P
High Voltage Step-Down Regulator
A8499SLJTR-T ALLEGRO-A8499SLJTR-T Datasheet
307Kb / 7P
High Voltage Step-Down Regulator
More results


Similar Description - A8498

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1676 LINER-LT1676 Datasheet
135Kb / 16P
Wide Input Range, High Efficiency, Step-Down Switching Regulator
logo
Allegro MicroSystems
A8698 ALLEGRO-A8698 Datasheet
616Kb / 12P
Wide Input Voltage 3.0 A Step Down Regulator
A8697 ALLEGRO-A8697 Datasheet
613Kb / 12P
Wide Input Voltage 4.0 A Step Down Regulator
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
Texas Instruments
TPS5431DDAR TI-TPS5431DDAR Datasheet
1Mb / 32P
3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
Texas Instruments
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
1-A, Wide Input Range, Step-Down Converter
TPS5430 TI1-TPS5430_17 Datasheet
1Mb / 36P
3-A, Wide Input Range, Step-Down Converter
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com