Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0F1BL Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD5V0F1BL Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD5V0F1BL
Download  PESD5V0F1BL Download
File Size   246.19 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Femtofarad bidirectional ESD protection diode

PESD5V0F1BL Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD5V0F1BL Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD5V0F1BL
Download  PESD5V0F1BL Click to download

File Size   246.19 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Femtofarad bidirectional ESD protection diode

PESD5V0F1BL Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD5V0F1BL Product details

1. General description
Femtofarad bidirectional ElectroStatic Discharge (ESD) protection diode in a leadless ultra small
SOD882 Surface-Mounted Device (SMD) plastic package designed to protect one signal line from
the damage caused by ESD and other transients. The combination of extremely low capacitance,
high ESD maximum rating and ultra small package makes the device ideal for high-speed data line
protection and antenna protection applications.
2. Features and benefits
• Bidirectional ESD protection of one line
• Femtofarad capacitance: Cd = 400 fF
• Low ESD clamping voltage: 30 V at 30 ns and ± 8 kV
• Very low leakage current: IRM < 1 nA
• ESD protection up to 10 kV
• IEC 61000-4-2; level 4 (ESD)
3. Applications
• 10/100/1000 Mbit/s Ethernet
• Portable electronics
• FireWire
• Communication systems
• High-speed data lines
• Computers and peripherals
• Subscriber Identity Module (SIM) card protection
• Audio and video equipment
• Cellular handsets and accessories
• Antenna protection




Similar Part No. - PESD5V0F1BL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0F1BL NXP-PESD5V0F1BL Datasheet
88Kb / 10P
Femtofarad bidirectional ESD protection diode
Rev. 01-1 October 2009
logo
Shanghai Leiditech Elec...
PESD5V0F1BL LEIDITECH-PESD5V0F1BL Datasheet
2Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
logo
Guangdong Youtai Semico...
PESD5V0F1BL UMW-PESD5V0F1BL Datasheet
476Kb / 5P
Bidirectional ESD protection of one line
logo
Nexperia B.V. All right...
PESD5V0F1BL-Q NEXPERIA-PESD5V0F1BL-Q Datasheet
246Kb / 11P
Femtofarad bidirectional ESD protection diode
10 June 2022
PESD5V0F1BLD NEXPERIA-PESD5V0F1BLD Datasheet
493Kb / 12P
Femtofarad bidirectional ESD protection diode
More results


Similar Description - PESD5V0F1BL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0F1BL NXP-PESD5V0F1BL Datasheet
88Kb / 10P
Femtofarad bidirectional ESD protection diode
Rev. 01-1 October 2009
PESD5V0F1BRLD PHILIPS-PESD5V0F1BRLD_15 Datasheet
523Kb / 11P
Femtofarad bidirectional ESD protection diode
Rev. 1-30 January 2014
PESD5V0F1BLD PHILIPS-PESD5V0F1BLD_15 Datasheet
358Kb / 11P
Femtofarad bidirectional ESD protection diode
Rev. 1-23 July 2012
PESD5V0F1BL PHILIPS-PESD5V0F1BL_15 Datasheet
139Kb / 12P
Femtofarad bidirectional ESD protection diode
Rev. 3-24 October 2011
logo
Nexperia B.V. All right...
PESD5V0F1BLD NEXPERIA-PESD5V0F1BLD Datasheet
493Kb / 12P
Femtofarad bidirectional ESD protection diode
PESD5V0F1BRLD NEXPERIA-PESD5V0F1BRLD Datasheet
658Kb / 12P
Femtofarad bidirectional ESD protection diode
PESD1IVN24L-Q NEXPERIA-PESD1IVN24L-Q Datasheet
198Kb / 11P
Bidirectional ESD protection diode
7 March 2023
PESD5V0F1BRLD-Q NEXPERIA-PESD5V0F1BRLD-Q Datasheet
253Kb / 11P
Femtofarad bidirectional ESD protection diode
4 October 2022
PESD5V0F1BL-Q NEXPERIA-PESD5V0F1BL-Q Datasheet
246Kb / 11P
Femtofarad bidirectional ESD protection diode
10 June 2022
PESD5V0F1BLD-Q NEXPERIA-PESD5V0F1BLD-Q Datasheet
253Kb / 11P
Femtofarad bidirectional ESD protection diode
10 June 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com