Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0X1BCAL Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD5V0X1BCAL Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD5V0X1BCAL
Download  PESD5V0X1BCAL Download
File Size   217.79 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance bidirectional ESD protection diode

PESD5V0X1BCAL Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD5V0X1BCAL Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD5V0X1BCAL
Download  PESD5V0X1BCAL Click to download

File Size   217.79 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance bidirectional ESD protection diode

PESD5V0X1BCAL Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD5V0X1BCAL Product details

1. General description
Extremely low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode in a
leadless ultra small SOD882 Surface-Mounted Device (SMD) plastic package designed to
protect one signal line from the damage caused by ESD and other transients. The combination of
extremely low capacitance, high ESD maximum rating and ultra small package makes the device
ideal for high-speed data line protection.
2. Features and benefits
• Bidirectional ESD protection of one line
• Extremely low capacitance: Cd = 0.85 pF
• Low clamping voltage: VCL = 17 V
• Ultra low leakage current: IRM = 1 nA
• ESD protection up to 15 kV
• IEC 61000-4-2; level 4 (ESD)
3. Applications
• Computers and peripherals
• Audio and video equipment
• 10/100/1000 Mbit/s Ethernet
• Communication systems
• Portable electronics
• SIM card protection
• USB, High-Definition Multimedia Interface (HDMI), FireWire




Similar Part No. - PESD5V0X1BCAL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0X1BCAL PHILIPS-PESD5V0X1BCAL Datasheet
426Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-1 February 2012
logo
Nexperia B.V. All right...
PESD5V0X1BCAL-Q NEXPERIA-PESD5V0X1BCAL-Q Datasheet
215Kb / 10P
Extremely low capacitance bidirectional ESD protection diode
1 June 2022
logo
NXP Semiconductors
PESD5V0X1BCAL PHILIPS-PESD5V0X1BCAL_15 Datasheet
426Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-1 February 2012
More results


Similar Description - PESD5V0X1BCAL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0F1BSF PHILIPS-PESD5V0F1BSF_15 Datasheet
356Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-10 December 2012
PESD5V0X1BCL PHILIPS-PESD5V0X1BCL_15 Datasheet
400Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-12 March 2012
logo
Nexperia B.V. All right...
PESD5V0F1BSF NEXPERIA-PESD5V0F1BSF Datasheet
239Kb / 13P
Extremely low capacitance bidirectional ESD protection diode
PESD5V0X1BCAL-Q NEXPERIA-PESD5V0X1BCAL-Q Datasheet
215Kb / 10P
Extremely low capacitance bidirectional ESD protection diode
1 June 2022
PESD2V0Y1BSF NEXPERIA-PESD2V0Y1BSF Datasheet
1Mb / 15P
Extremely low capacitance bidirectional ESD protection diode
1 March 2021
PESD2V5Y1BSF NEXPERIA-PESD2V5Y1BSF Datasheet
603Kb / 14P
Extremely low capacitance bidirectional ESD protection diode
8 April 2021
PESD3V3R1BSF NEXPERIA-PESD3V3R1BSF Datasheet
152Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
12 March 2021
PESD3V6Z1BCSF NEXPERIA-PESD3V6Z1BCSF Datasheet
699Kb / 16P
Extremely low capacitance bidirectional ESD protection diode
2 March 2021
PESD15VW1ACSF NEXPERIA-PESD15VW1ACSF Datasheet
156Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
19 January 2022
PESD5V5HS2-SF NEXPERIA-PESD5V5HS2-SF Datasheet
192Kb / 10P
Extremely low capacitance bidirectional ESD protection diode
23 May 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com