Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD5738T6N Datasheet (PDF) - Renesas Technology Corp

UPD5738T6N Datasheet PDF - Renesas Technology Corp
Part # UPD5738T6N
Download  UPD5738T6N Download
File Size   254.45 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS INTEGRATED CIRCUIT

UPD5738T6N Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD5738T6N Datasheet PDF - Renesas Technology Corp

Part # UPD5738T6N
Download  UPD5738T6N Click to download

File Size   254.45 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS INTEGRATED CIRCUIT

UPD5738T6N Datasheet (HTML) - Renesas Technology Corp


UPD5738T6N Product details

FEATURES
• Supply voltage : VDD = 1.5 to 3.6 V (2.8 V TYP.)
• Switch control voltage : Vcont (H) = 1.5 to 3.6 V (2.8 V TYP.)
: Vcont (L) = −0.2 to +0.4 V (0 V TYP.)
• Low insertion loss Note : Lins1 = 0.5 dB TYP. @ f = 0.01 to 0.05 GHz
: Lins2 = 0.8 dB TYP. @ f = 0.05 to 1.0 GHz
: Lins3 = 1.4 dB TYP. @ f = 1.0 to 2.0 GHz
: Lins4 = 1.6 dB TYP. @ f = 2.0 to 2.5 GHz
• High isolation Note : ISL1 = 45 dB TYP. @ f = 0.01 to 0.05 GHz
: ISL2 = 22 dB TYP. @ f = 0.05 to 1.0 GHz
: ISL3 = 16 dB TYP. @ f = 1.0 to 2.0 GHz
: ISL4 = 15 dB TYP. @ f = 2.0 to 2.5 GHz
• Handling power Note : Pin (1 dB) = +20 dBm TYP. @ f = 1.0 GHz
: Pin (0.1 dB) = +15 dBm TYP. @ f = 1.0 GHz
• High-density surface mounting : 6-pin plastic TSON (T6N) package (1.5 × 1.5 × 0.37 mm)
• High ESD voltage : machine-model 200 V (TYP.), human-body-model 3 kV (TYP.)




Similar Part No. - UPD5738T6N

ManufacturerPart #DatasheetDescription
logo
NEC
UPD5738T6N NEC-UPD5738T6N Datasheet
125Kb / 11P
WIDE BAND DPDT SWITCH
UPD5738T6N-E2 NEC-UPD5738T6N-E2 Datasheet
125Kb / 11P
WIDE BAND DPDT SWITCH
UPD5738T6N-E2-A NEC-UPD5738T6N-E2-A Datasheet
125Kb / 11P
WIDE BAND DPDT SWITCH
logo
California Eastern Labs
UPD5738T6N CEL-UPD5738T6N_09 Datasheet
524Kb / 10P
WIDE BAND DPDT SWITCH
More results


Similar Description - UPD5738T6N

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE955MC NTE-NTE955MC Datasheet
43Kb / 5P
Integrated Circuit CMOS Timing Circuit
logo
Samsung semiconductor
KS9211 SAMSUNG-KS9211 Datasheet
1Mb / 29P
CMOS INTEGRATED CIRCUIT
KS9210 SAMSUNG-KS9210 Datasheet
1Mb / 28P
CMOS INTEGRATED CIRCUIT
KS9282B SAMSUNG-KS9282B Datasheet
603Kb / 29P
CMOS INTEGRATED CIRCUIT
KS5851 SAMSUNG-KS5851 Datasheet
315Kb / 6P
CMOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD5713TK RENESAS-UPD5713TK Datasheet
226Kb / 14P
CMOS INTEGRATED CIRCUIT
2006
UPD5715GR RENESAS-UPD5715GR Datasheet
344Kb / 16P
CMOS INTEGRATED CIRCUIT
2006
UPD5716GR RENESAS-UPD5716GR Datasheet
302Kb / 16P
CMOS INTEGRATED CIRCUIT
2006
UPD5720K RENESAS-UPD5720K Datasheet
936Kb / 37P
CMOS INTEGRATED CIRCUIT
2009
UPD5731T6M RENESAS-UPD5731T6M Datasheet
328Kb / 13P
CMOS INTEGRATED CIRCUIT
2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com