Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD7V0L1BSL Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD7V0L1BSL Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD7V0L1BSL
Download  PESD7V0L1BSL Download
File Size   224.22 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection device

PESD7V0L1BSL Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD7V0L1BSL Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD7V0L1BSL
Download  PESD7V0L1BSL Click to download

File Size   224.22 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection device

PESD7V0L1BSL Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD7V0L1BSL Product details

1. General description
Bidirectional ElectroStatic Discharge (ESD) protection diode in a DFN1006-2 (SOD882-S1)
leadless ultra small Surface-Mounted Device (SMD) plastic package designed to protect one signal
line from the damage caused by ESD and other transients.
2. Features and benefits
• Bidirectional protection of one line
• Reverse stand-off voltage: VRWM = 7 V
• Surge robustness: IPPM = 7 A for 8/20 μs pulse
• Ultra low clamping voltage: VCL = 9.6 V typ. at IPPM= 7 A
3. Applications
• Portable electronics
• Computers and peripherals
• Audio and video equipment
• Communication systems




Similar Part No. - PESD7V0L1BSL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD7V0C1BSF NEXPERIA-PESD7V0C1BSF Datasheet
207Kb / 12P
Ultra low capacitance bidirectional ESD protection diode
PESD7V0C1BSFYL NEXPERIA-PESD7V0C1BSFYL Datasheet
207Kb / 12P
Ultra low capacitance bidirectional ESD protection diode
PESD7V0H1BSF NEXPERIA-PESD7V0H1BSF Datasheet
238Kb / 12P
Ultra low capacitance bidirectional ESD protection diode
21 January 2022
PESD7V0H1BSF NEXPERIA-PESD7V0H1BSF Datasheet
214Kb / 13P
Ultra low capacitance bidirectional ESD protection diode
9 April 2018
PESD7V0H1BSFYL NEXPERIA-PESD7V0H1BSFYL  Datasheet
214Kb / 13P
Ultra low capacitance bidirectional ESD protection diode
9 April 2018
More results


Similar Description - PESD7V0L1BSL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP200002 TRIQUINT-TQP200002_15 Datasheet
745Kb / 10P
ESD Protection Device
logo
FutureWafer Tech Co.,Lt...
PESD1524VD FUTUREWAFER-PESD1524VD Datasheet
755Kb / 3P
ESD Protection Device
logo
Micro Commercial Compon...
ESD12VL MCC-ESD12VL Datasheet
1Mb / 4P
ESD Protection Device
ESD24VLB MCC-ESD24VLB Datasheet
719Kb / 4P
ESD Protection Device
ESD12VD3BHE3 MCC-ESD12VD3BHE3 Datasheet
1Mb / 4P
ESD Protection Device
Rev.3-1-12022022
ESD1524D3BHE3A MCC-ESD1524D3BHE3A Datasheet
3Mb / 4P
ESD Protection Device
Rev.3-1-11282022
ESD15VD3BHE3 MCC-ESD15VD3BHE3 Datasheet
995Kb / 4P
ESD Protection Device
Rev.3-1-12022022
ESD24VD3BHE3 MCC-ESD24VD3BHE3 Datasheet
1,002Kb / 4P
ESD Protection Device
Rev.3-1-12022022
ESD36VD3BHE3 MCC-ESD36VD3BHE3 Datasheet
944Kb / 4P
ESD Protection Device
Rev.3-1-12022022
logo
Nexperia B.V. All right...
PESD12VL1BSL NEXPERIA-PESD12VL1BSL Datasheet
225Kb / 11P
ESD protection device
3 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com