Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG1460 Datasheet (PDF) - List of Unclassifed Manufacturers

AG1460 Datasheet PDF - List of Unclassifed Manufacturers
Part # AG1460
Download  AG1460 Download
File Size   498.0 Kbytes
Page   15 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description QUAD 5V RINGING SLIC

AG1460 Datasheet (PDF)

Go To PDF Page Download Datasheet
AG1460 Datasheet PDF - List of Unclassifed Manufacturers

Part # AG1460
Download  AG1460 Click to download

File Size   498.0 Kbytes
Page   15 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description QUAD 5V RINGING SLIC

AG1460 Datasheet (HTML) - List of Unclassifed Manufacturers


AG1460 Product details

[ Silver Telecom ]



DESCRIPTION

The Silver Telecom Ag1460 series comprises four individual single Subscriber Line Interface Circuits (SLICs) in a 72-pin SIMM or 56 pin DIL format. The combination of features and packaging offers extremely efficient use of board area, saving significant system size and cost, maximising time to market for Telephony Systems developers.



FEATURES

• Four highly featured SLICs in a 72 pin SIMM or 56 pin DIL format.

• Integral DC-DC converter. No battery voltage supply needed.

• Highly integrated with on board ringing generator.

• Tip/Ring polarity reversal, On-Hook Transmission for caller line ID.

• “Soft Shutdown” over current and thermal protection provides fail-safe operation.

• Minimum number of external components.

• Simplified protection in “on-premise” applications.

• Silver Telecom “design-in” assistance.



 




Similar Part No. - AG1460

ManufacturerPart #DatasheetDescription
logo
Rohm
AG140FGS4FRA ROHM-AG140FGS4FRA Datasheet
2Mb / 14P
Nch 40V 120A Power MOSFET
20241018 - Rev.002
AG142FGS4FRA ROHM-AG142FGS4FRA Datasheet
2Mb / 14P
Nch 40V 120A Power MOSFET
20250609 - Rev.004
AG145FLS4FRA ROHM-AG145FLS4FRA Datasheet
2Mb / 14P
Nch 60V 120A Power MOSFET
20240422 - Rev.001
AG147FLS4FRA ROHM-AG147FLS4FRA Datasheet
2Mb / 14P
Nch 60V 89A Power MOSFET
20251215 - Rev.001
More results


Similar Description - AG1460

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
Dual Ringing SLIC
May 2001
L9214A AGERE-L9214A Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
VoIP Ringing SLIC Family
April 2000
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
Analog Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
Programmable Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
5V RINGING SLIC
AG1170 ETC2-AG1170 Datasheet
496Kb / 15P
5V / 3.3V Low Power Ringing SLIC
logo
Intersil Corporation
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
Extended Reach Ringing SLIC Family
August 10, 2010
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
High Voltage Ringing SLIC Protector
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
VoIP Ringing SLIC Family
February 9, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com