Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPR2800T Datasheet (PDF) - OPTEK Technologies

OPR2800T Datasheet PDF - OPTEK Technologies
Part # OPR2800T
Download  OPR2800T Download
File Size   259.69 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Infrared Light Emitting Diode

OPR2800T Datasheet (PDF)

Go To PDF Page Download Datasheet
OPR2800T Datasheet PDF - OPTEK Technologies

Part # OPR2800T
Download  OPR2800T Click to download

File Size   259.69 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Infrared Light Emitting Diode

OPR2800T Datasheet (HTML) - OPTEK Technologies


OPR2800T Product details

Description:
The OPR2800 is a GaAIAs infrared LED mounted in a surface mount chip carrier (SMCC) package with a flat lens window that allows a wide beam angle. The SMCC format has a lower height profile than the PLCC-2 package and mounts in the same footprint. The device is suitable for use in single device or array applications. The OPR2800 is spectrally matched to the OPR5500 phototransistor.

Features:
• High-power GaAIAs
• Matches PLCC-2 footprint
• 875 nm wavelength
• Wide beam angle
• Wide operating temperature range (-55°C to +100°C)

Applications:
• Non-contact position sensing
• Datum detection
• Machine automation
• Optical encoding




Similar Part No. - OPR2800T

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR2800T OPTEK-OPR2800T Datasheet
216Kb / 2P
Infrared Light Emitting Diode
03/2012
logo
TT Electronics.
OPR2800T TTELEC-OPR2800T Datasheet
619Kb / 3P
Infrared Light Emitting VCSEL
OPR2800T TTELEC-OPR2800T Datasheet
265Kb / 2P
Infrared Light Emitting Diode
OPR2800T TTELEC-OPR2800T Datasheet
337Kb / 2P
Infrared Light Emitting Diode
09/2016
More results


Similar Description - OPR2800T

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP250 OPTEK-OP250 Datasheet
254Kb / 3P
Infrared Light Emitting Diode
OP205CL OPTEK-OP205CL_14 Datasheet
204Kb / 2P
Infrared Light Emitting Diode
logo
Roithner LaserTechnik G...
ELD-810-525 ROITHNER-ELD-810-525 Datasheet
654Kb / 3P
infrared light emitting diode
ELD-880-525 ROITHNER-ELD-880-525 Datasheet
483Kb / 2P
infrared light emitting diode
ELD-700-524 ROITHNER-ELD-700-524 Datasheet
508Kb / 2P
Infrared Light Emitting Diode
ELD-850-525 ROITHNER-ELD-850-525 Datasheet
254Kb / 1P
INFRARED Light Emitting Diode
ELD-1650-525 ROITHNER-ELD-1650-525 Datasheet
254Kb / 1P
INFRARED Light Emitting Diode
logo
TT Electronics.
OP180 TTELEC-OP180 Datasheet
1Mb / 8P
Infrared Light Emitting Diode
OP205CL TTELEC-OP205CL Datasheet
242Kb / 2P
Infrared Light Emitting Diode
OPR2800 TTELEC-OPR2800 Datasheet
265Kb / 2P
Infrared Light Emitting Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com