Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16107FP Datasheet (PDF) - Hitachi Semiconductor

HA16107FP Datasheet PDF - Hitachi Semiconductor
Part # HA16107FP
Download  HA16107FP Download
File Size   361.57 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 600kHz PWM Switching Regulator Controller

HA16107FP Datasheet (PDF)

Go To PDF Page Download Datasheet
HA16107FP Datasheet PDF - Hitachi Semiconductor

Part # HA16107FP
Download  HA16107FP Click to download

File Size   361.57 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 600kHz PWM Switching Regulator Controller

HA16107FP Datasheet (HTML) - Hitachi Semiconductor


HA16107FP Product details

Description

The IC products in this series are primary control switching regulator control IC’s appropriate for obtaining

stabilized DC voltages from commercial AC power.



Features

•  Operating frequencies up to a high 600 kHz

•  Built-in pre-driver circuit for driving power MOS FET

•  Built-in timer latch over-current protection function (HA16107)

•  The OCL enables intermittent operation by an ON/OFF timer for prevention of secondary overcurrent.

(HA16108)

•  The UVL function (under voltage lockout) is applied to both Vin and Vref.

•  ON/OFF reset: an auto-reset function which is based on the time constant of an external capacitor and

observation of drops in Vin.

•  Since the over-voltage protection function OVP (the TL pin) only observes voltage drops in Vin, it is

possible to use the OVP and ON/OFF pin for independent purposes.

•  Built-in 34 V Zener diode between Vin and ground.



Functions

•  6.45 V reference voltage

•  Triangle wave generator

•  Error amplifier

•  Under voltage lockout protector

•  PWM comparator

•  Pulse-by-pulse current limitting

•  Timer-latch current limitting (HA16107)

•  ON/OFF timer function (HA16108)

•  Soft start and quick shutdown

•  Output circuit for power MOS FET driving




Similar Part No. - HA16107FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
170Kb / 38P
PWM Switching Regulator for High-performance Voltage Mode Control
logo
Renesas Technology Corp
HA16107FP RENESAS-HA16107FP Datasheet
454Kb / 40P
PWM Switching Regulator for High-performance Voltage Mode Control
More results


Similar Description - HA16107FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
600kHz PWM Controlled Switching Regulator
logo
Linear Technology
LT1614 LINER-LT1614 Datasheet
218Kb / 8P
Inverting 600kHz Switching Regulator
LTC3731 LINER-LTC3731 Datasheet
326Kb / 32P
3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LT1614 LINER-LT1614_1 Datasheet
266Kb / 16P
Inverting 600kHz Switching Regulator
logo
Microsemi Corporation
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
logo
Linear Technology
LTC3731 LINER-LTC3731_15 Datasheet
380Kb / 34P
3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H_15 Datasheet
437Kb / 34P
3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com