Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD3V3S2UQ Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD3V3S2UQ Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD3V3S2UQ
Download  PESD3V3S2UQ Download
File Size   675.27 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Double ESD protection diodes in SOT663 package

PESD3V3S2UQ Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD3V3S2UQ Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD3V3S2UQ
Download  PESD3V3S2UQ Click to download

File Size   675.27 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Double ESD protection diodes in SOT663 package

PESD3V3S2UQ Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD3V3S2UQ Product details

1.1 General description
Unidirectional double ElectroStatic Discharge (ESD) protection diodes in a SOT663 ultra
small and flat lead Surface-Mounted Device (SMD) plastic package designed to protect
up to two signal lines from the damage caused by ESD and other transients.
1.2 Features
1.3 Applications
Unidirectional ESD protection of up to
two lines
ESD protection up to 30 kV
Max. peak pulse power: PPP = 150W
at tp = 8/20 μs
IEC 61000-4-2; level 4 (ESD)
Low clamping voltage: VCL = 20 V
at IPP = 15 A
IEC 61000-4-5 (surge); IPP = 15 A
at tp = 8/20 μs
Low reverse leakage current: IRM < 1 nA
Computers and peripherals
High-speed data lines
Audio and video equipment
Parallel ports
Communication systems




Similar Part No. - PESD3V3S2UQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3S2UQ PHILIPS-PESD3V3S2UQ Datasheet
121Kb / 13P
Double ESD protection diodes in SOT663 package
2004 Apr 27
PESD3V3S2UQ NXP-PESD3V3S2UQ Datasheet
304Kb / 13P
Double ESD protection diodes in SOT663 package
Rev. 03-11 September 2008
PESD3V3S2UQ NXP-PESD3V3S2UQ Datasheet
171Kb / 13P
Double ESD protection diodes in SOT663 package
Rev. 04-26 January 2010
More results


Similar Description - PESD3V3S2UQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS2UAT PHILIPS-PESDXS2UAT Datasheet
122Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Feb 18
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
123Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
PESDXS2UQ PHILIPS-PESDXS2UQ Datasheet
121Kb / 13P
Double ESD protection diodes in SOT663 package
2004 Apr 27
PESDXS2UQ NXP-PESDXS2UQ Datasheet
304Kb / 13P
Double ESD protection diodes in SOT663 package
Rev. 03-11 September 2008
PESDXS2UQ NXP-PESDXS2UQ_10 Datasheet
171Kb / 13P
Double ESD protection diodes in SOT663 package
Rev. 04-26 January 2010
PESDXS2UAT NXP-PESDXS2UAT Datasheet
237Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Feb 18
PESDXS2UT NXP-PESDXS2UT Datasheet
235Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD3V3S2UT-215 PHILIPS-PESD3V3S2UT-215 Datasheet
235Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESDXS2UT_SER NEXPERIA-PESDXS2UT_SER Datasheet
250Kb / 14P
Double ESD protection diodes in SOT23 package
2004 Apr 15
PESDXS2UAT_SER NEXPERIA-PESDXS2UAT_SER Datasheet
241Kb / 14P
Double ESD protection diodes in SOT23 package
2004 Feb 18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com