Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16637N-XXX Datasheet (PDF) - Renesas Technology Corp

UPD16637N-XXX Datasheet PDF - Renesas Technology Corp
Part # UPD16637N-XXX
Download  UPD16637N-XXX Download
File Size   310.29 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD16637N-XXX Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16637N-XXX Datasheet PDF - Renesas Technology Corp

Part # UPD16637N-XXX
Download  UPD16637N-XXX Click to download

File Size   310.29 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD16637N-XXX Datasheet (HTML) - Renesas Technology Corp


UPD16637N-XXX Product details

FEATURES
• Capable of outputting 64 values by means of 5-by-2 external power modules (10 units) and a D/A converter
• Output dynamic range 12.3 VP-P min. (@ VDD2 = 12.5 V)
• Power supply voltage of driver part = VDD2 = 13.0 ±0.5 V
• CMOS level input
• Input of 6 bits (gradation data) by 6 dots
• High-speed data transfer: fmax. = 55 MHz (internal data transfer speed when operating at 3.0 V)
• Display data inversion function (POL2 terminal.)
• 384 outputs
• Single bank arrangement is possible (loaded with slim TCP)




Similar Part No. - UPD16637N-XXX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16631 RENESAS-UPD16631 Datasheet
442Kb / 20P
MOS INTEGRATED CIRCUIT
1995
UPD16631A RENESAS-UPD16631A Datasheet
440Kb / 18P
MOS INTEGRATED CIRCUIT
1996
logo
NEC
UPD16633B NEC-UPD16633B Datasheet
108Kb / 20P
312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES
UPD16633BN NEC-UPD16633BN Datasheet
108Kb / 20P
312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES
UPD16634A NEC-UPD16634A Datasheet
115Kb / 20P
300-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64 GRAY SCALE
More results


Similar Description - UPD16637N-XXX

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com