Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1531044 Datasheet (PDF) - PHOENIX CONTACT

1531044 Datasheet PDF - PHOENIX CONTACT
Part # 1531044
Download  1531044 Download
File Size   562.84 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MR-5CON-PG11-DUO - Connector

1531044 Datasheet (PDF)

Go To PDF Page Download Datasheet
1531044 Datasheet PDF - PHOENIX CONTACT

Part # 1531044
Download  1531044 Click to download

File Size   562.84 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MR-5CON-PG11-DUO - Connector

1531044 Datasheet (HTML) - PHOENIX CONTACT


1531044 Product details

Connector, Universal, 5-position, Plug angled M12, A, Screw connection, knurl material: Plastic,
cable gland Pg11-DUO, external cable diameter 2.1 mm ... 3 mm / 4 mm ... 5.2 mm

Your advantages
• Safe use in the field, thanks to a high degree of protection
• Screw connection: proven connection technology for a large selection of different conductors
• Save space: connect two sensors to one connector with a multiple grommet




Similar Part No. - 1531044

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1531040000 WEIDMULLER-1531040000 Datasheet
648Kb / 7P
BL 3.50/07/180LR SN OR BX
More results


Similar Description - 1531044

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403371 PHOENIX-1403371 Datasheet
277Kb / 5P
Connector - SACC-M12MS-5CON-PG11-DUO VA
1403372 PHOENIX-1403372 Datasheet
1Mb / 6P
Connector - SACC-M12FS-5CON-PG11-DUO VA
1662285 PHOENIX-1662285 Datasheet
147Kb / 4P
SACC-M12MS-5CON-PG11-DUO
1662748 PHOENIX-1662748 Datasheet
146Kb / 4P
SACC-M12MS-5CON-PG11-DUO-M
1694596 PHOENIX-1694596 Datasheet
2Mb / 8P
Connector - SACC-M12FS-5CON-PG11-DUO
1456271 PHOENIX-1456271 Datasheet
474Kb / 11P
SACC-MINFS-5CON-PG11/2,5 - Connector
1408992 PHOENIX-1408992 Datasheet
429Kb / 14P
SACC-M12MR-5CON-PG11-M PWR - Power connector
1543016 PHOENIX-1543016 Datasheet
538Kb / 14P
SACC-MS-5CON-PG11-DUO-M SCO - Connector
1456242 PHOENIX-1456242 Datasheet
481Kb / 12P
SACC-MINMR-5CON-PG11/2,5 - Connector
1403854 PHOENIX-1403854 Datasheet
589Kb / 14P
SACC-M12MS-5CON-PG11 SH - Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com