Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1590432 Datasheet (PDF) - PHOENIX CONTACT

1590432 Datasheet PDF - PHOENIX CONTACT
Part # 1590432
Download  1590432 Download
File Size   306.78 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HC-28S1N1280DU - Cable connector

1590432 Datasheet (PDF)

Go To PDF Page Download Datasheet
1590432 Datasheet PDF - PHOENIX CONTACT

Part # 1590432
Download  1590432 Click to download

File Size   306.78 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HC-28S1N1280DU - Cable connector

1590432 Datasheet (HTML) - PHOENIX CONTACT


1590432 Product details

Cable connector, straight, Screw locking, M27, contact connection type: Socket, shielded: yes,
degree of protection: IP67, cable diameter range: 2 mm ... 14.5 mm, number of positions: 28,
connection method: Solder connection, series: HC, Alternative product in accordance with RoHS
II without Exemption 6c (Pb <0.1%) item no.: 1240161




Similar Part No. - 1590432

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
159043 ADELS-159043 Datasheet
139Kb / 1P
LEDtrack REEL/ 5 525 450 3P A75 B150 C75
logo
PHOENIX CONTACT
1590439 PHOENIX-1590439 Datasheet
354Kb / 7P
HC-28S1N12WA00 - Device connector front mounting
More results


Similar Description - 1590432

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407670 PHOENIX-1407670 Datasheet
72Kb / 3P
Cable gland - HC-B-G-M25-PLRBK
1407671 PHOENIX-1407671 Datasheet
62Kb / 3P
Cable gland - HC-B-G-M32-PLRBK
1411350 PHOENIX-1411350 Datasheet
56Kb / 3P
Cable gland - HC-D-G-M20-PLRBK
1414645 PHOENIX-1414645 Datasheet
57Kb / 2P
Cable gland - HC-B-GM5X8,5-M40-PLTBK
1605284 PHOENIX-1605284 Datasheet
43Kb / 2P
Cable gland - HC-SKV 21 MR
1636981 PHOENIX-1636981 Datasheet
55Kb / 2P
Cable lug - HC-M-MHR-PE16
1646159 PHOENIX-1646159 Datasheet
55Kb / 3P
Cable gland - HC-M-KV-Z-M25
1584017 PHOENIX-1584017 Datasheet
43Kb / 2P
Cable gland - HC-M-KV-M20(1ASI)
1590412 PHOENIX-1590412 Datasheet
75Kb / 3P
Cable connector - HC-28P1N1280DU
12/06/2018
1590354 PHOENIX-1590354 Datasheet
309Kb / 7P
HC-26S1N1280DU - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com