Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1962765 Datasheet (PDF) - PHOENIX CONTACT

1962765 Datasheet PDF - PHOENIX CONTACT
Part # 1962765
Download  1962765 Download
File Size   1054.56 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TFKC 2,5/ 9-STF-5,08 - PCB connector

1962765 Datasheet (PDF)

Go To PDF Page Download Datasheet
1962765 Datasheet PDF - PHOENIX CONTACT

Part # 1962765
Download  1962765 Click to download

File Size   1054.56 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TFKC 2,5/ 9-STF-5,08 - PCB connector

1962765 Datasheet (HTML) - PHOENIX CONTACT


1962765 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
9, number of rows: 1, number of positions: 9, number of connections: 18, product range: TFKC
2,5/..-STF, pitch: 5.08 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: Screw locking mechanism, mounting: Screw flange, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Potentials can be easily looped through – ideal for BUS applications
• Intuitive use through colour coded actuation lever
• Can be combined with the MSTB 2,5 range
• Screwable flange for superior mechanical stability




Similar Part No. - 1962765

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
196270 LEMO-196270 Datasheet
63Kb / 4P
S - Indoor Stepped Insert
196270 LEMO-196270 Datasheet
63Kb / 4P
S - Indoor Stepped Insert
196270 LEMO-196270 Datasheet
100Kb / 5P
S - Indoor Stepped Insert
196270 LEMO-196270 Datasheet
100Kb / 5P
S - Indoor Stepped Insert
196270 LEMO-196270 Datasheet
100Kb / 5P
S - Indoor Stepped Insert
More results


Similar Description - 1962765

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1962590 PHOENIX-1962590 Datasheet
138Kb / 5P
TFKC 2,5/ 5-STF-5,08 AU
1962778 PHOENIX-1962778 Datasheet
109Kb / 7P
Printed-circuit board connector - TFKC 2,5/10-STF-5,08
1962749 PHOENIX-1962749 Datasheet
109Kb / 7P
Printed-circuit board connector - TFKC 2,5/ 7-STF-5,08
1962707 PHOENIX-1962707 Datasheet
163Kb / 12P
Printed-circuit board connector - TFKC 2,5/ 3-STF-5,08
09/12/2020
1962642 PHOENIX-1962642 Datasheet
1Mb / 31P
PCB connector - TFKC 2,5/ 6-ST-5,08
Jan 3, 2023
1962697 PHOENIX-1962697 Datasheet
1Mb / 24P
PCB connector - TFKC 2,5/ 2-STF-5,08
Jan 4, 2023
1962710 PHOENIX-1962710 Datasheet
1Mb / 22P
PCB connector - TFKC 2,5/ 4-STF-5,08
Jan 5, 2023
1754869 PHOENIX-1754869 Datasheet
1Mb / 21P
PCB connector - FKCN 2,5/ 9-STF-5,08
1962723 PHOENIX-1962723 Datasheet
1Mb / 22P
PCB connector - TFKC 2,5/ 5-STF-5,08
1825381 PHOENIX-1825381 Datasheet
618Kb / 15P
IC 2,5/ 9-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com