Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1969441 Datasheet (PDF) - PHOENIX CONTACT

1969441 Datasheet PDF - PHOENIX CONTACT
Part # 1969441
Download  1969441 Download
File Size   940.64 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IPC 16/ 9-ST-10,16 - PCB connector

1969441 Datasheet (PDF)

Go To PDF Page Download Datasheet
1969441 Datasheet PDF - PHOENIX CONTACT

Part # 1969441
Download  1969441 Click to download

File Size   940.64 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IPC 16/ 9-ST-10,16 - PCB connector

1969441 Datasheet (HTML) - PHOENIX CONTACT


1969441 Product details

PCB connector, nominal cross section: 16 mm2, color: green, nominal current: 76 A, rated
voltage (III/2): 1000 V, contact surface: Silver, contact connection type: Pin, number of potentials:
9, number of rows: 1, number of positions: 9, number of connections: 9, product range: IPC 16/..-
ST, pitch: 10.16 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plugin
system: COMBICON PC 16, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections




Similar Part No. - 1969441

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1969442-2 TEC-1969442-2 Datasheet
179Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
1969442-3 TEC-1969442-3 Datasheet
179Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
1969442-4 TEC-1969442-4 Datasheet
179Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
1969442-5 TEC-1969442-5 Datasheet
179Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
1969442-6 TEC-1969442-6 Datasheet
179Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Similar Description - 1969441

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1969373 PHOENIX-1969373 Datasheet
163Kb / 5P
IPC 16/ 2-ST-10,16
1969412 PHOENIX-1969412 Datasheet
163Kb / 5P
IPC 16/ 6-ST-10,16
1969425 PHOENIX-1969425 Datasheet
163Kb / 5P
IPC 16/ 7-ST-10,16
1745166 PHOENIX-1745166 Datasheet
59Kb / 2P
IPC 16/ 2-ST-10,16 YE
1969603 PHOENIX-1969603 Datasheet
81Kb / 4P
Base strip - IPC 16/ 9-G-10,16
1969687 PHOENIX-1969687 Datasheet
77Kb / 4P
Base strip - IPC 16/ 9-GF-10,16
1969920 PHOENIX-1969920 Datasheet
77Kb / 4P
Base strip - IPC 16/ 9-GU-10,16
1970003 PHOENIX-1970003 Datasheet
78Kb / 4P
Base strip - IPC 16/ 9-GFU-10,16
1969522 PHOENIX-1969522 Datasheet
720Kb / 15P
PCB connector - IPC 16/ 9-STF-10,16
Jul 21, 2022
1969438 PHOENIX-1969438 Datasheet
940Kb / 20P
IPC 16/ 8-ST-10,16 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com