Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15106A Datasheet (PDF) - Analog Devices

MAX15106A Datasheet PDF - Analog Devices
Part # MAX15106A
Download  MAX15106A Download
File Size   861.8 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Efficiency, 6A, Current-Mode Synchronous Step-Down Switching Regulator

MAX15106A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX15106A Datasheet PDF - Analog Devices

Part # MAX15106A
Download  MAX15106A Click to download

File Size   861.8 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Efficiency, 6A, Current-Mode Synchronous Step-Down Switching Regulator

MAX15106A Datasheet (HTML) - Analog Devices


MAX15106A Product details

General Description
The MAX15106A/MAX15106B/MAX15106C family of
high-efficiency, current-mode, synchronous step-down
switching regulators with integrated power switches deliver
up to 6A of output current. The regulators operate from
2.7V to 5.5V and provide an output voltage from 0.6V
up to 95% of the input voltage, making the devices ideal
for distributed power systems, portable devices, and preregulation
applications.
The ICs utilize a current-mode control architecture with a
high-gain transconductance error amplifier. The currentmode
control architecture facilitates easy compensation
design and ensures cycle-by-cycle current limit with fast
response to line and load transients.
The low RDS(ON) integrated switches ensure high efficiency
at heavy loads while minimizing critical inductance,
making the layout design a much simpler task with
respect to discrete solutions. The ICs’ simple layout and
footprint assures first-pass success in new designs.
The regulator features 0.9MHz (MAX15106A), 1.0MHz
(MAX15106B), and 1.1MHz (MAX15106C) factorytrimmed
fixed frequency PWM-mode operation. The highswitching
frequency, along with the PWM current-mode
architecture allows for a compact, all-ceramic capacitor
design.
The IC features a capacitor-programmable soft-start
to reduce input inrush current. Internal control circuitry
ensures safe startup into a prebiased output. Power
sequencing is controlled with the enable input and powergood
output.
The IC is available in a 20-bump (4 x 5 array), 2.5mm x
2mm WLP package and is fully specified over the -40°C
to +105°C temperature range.

Applications
● Distributed Power Systems
● DDR Memory
● Base Stations
● Portable Devices
● Notebook Power
● Server Power

Features
● Continuous 6A Output Current
● Efficiency Up to 96%
● ±1% Accuracy Over Load, Line, and Temperature
● Operates from a 2.7V to 5.5V Supply
● Adjustable Output from 0.6V to 0.95 × VIN
● Programmable Soft-Start
● Safe Startup into Prebiased Output
● External Reference Input
● 0.9MHz, 1.0MHz, and 1.1MHz Switching Frequency
Options
● Stable with Low-ESR Ceramic Output Capacitors
● Forced PWM Mode
● Enable Input and Power-Good Output for Power-
Supply Sequencing
● Cycle-by-Cycle Overcurrent Protection
● Fully Protected Features Against Overcurrent and
Overtemperature
● Input Undervoltage Lockout
● 20-Bump (4 x 5 Array), 2.5mm x 2mm, WLP Package




Similar Part No. - MAX15106A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1510 MAXIM-MAX1510 Datasheet
415Kb / 13P
Low-Voltage DDR Linear Regulator
Rev 0; 5/04
MAX1510 MAXIM-MAX1510 Datasheet
546Kb / 13P
Low-Voltage DDR Linear Regulator Thermal Fault Protection
Rev 5; 3/11
MAX15101 MAXIM-MAX15101 Datasheet
1Mb / 9P
1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
MAX15101EVKIT MAXIM-MAX15101EVKIT Datasheet
1Mb / 9P
1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
MAX15102 MAXIM-MAX15102 Datasheet
1Mb / 9P
1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
More results


Similar Description - MAX15106A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 5/10
MAX15058 MAXIM-MAX15058 Datasheet
2Mb / 21P
High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 12/10
MAX15053 MAXIM-MAX15053_11 Datasheet
2Mb / 21P
High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15109 MAXIM-MAX15109 Datasheet
2Mb / 19P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15108 MAXIM-MAX15108 Datasheet
2Mb / 19P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15058 MAXIM-MAX15058_11 Datasheet
2Mb / 21P
High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053_1107 MAXIM-MAX15053_1107 Datasheet
2Mb / 21P
High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15053 MAXIM-MAX15053_V01 Datasheet
1Mb / 21P
High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
2015
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com